Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLH6224TR2PBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRLH6224TR2PBF
Szczegółowy opis  Battery Protection Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLH6224TR2PBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRLH6224TR2PBF Datasheet HTML 1Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 2Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 3Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 4Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 5Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 6Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 7Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 8Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLH6224PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
Fig 4. Normalized On-Resistance vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
7.00V
4.50V
2.50V
2.30V
2.00V
1.75V
BOTTOM
1.50V
≤60μs PULSE WIDTH
Tj = 25°C
1.50V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
7.00V
4.50V
2.50V
2.30V
2.00V
1.75V
BOTTOM
1.50V
≤60μs PULSE WIDTH
Tj = 150°C
1.50V
0
1
2
3
4
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 10V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
ID = 20A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20
40
60
80
100
120
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 16V
VDS= 10V
VDS= 4.0V
ID= 20A


Podobny numer części - IRLH6224TR2PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLH6224PBF IRF-IRLH6224PBF Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLH6224PBF IRF-IRLH6224PBF_15 Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Podobny opis - IRLH6224TR2PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR6225PBF IRF-IRLR6225PBF Datasheet
301Kb / 8P
   Battery Protection Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
WSD14N10DN WIINSOK-WSD14N10DN Datasheet
2Mb / 5P
   Battery protection Load switch
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
   Load switch. Battery protection.
WSD1614DN WIINSOK-WSD1614DN Datasheet
1Mb / 6P
   Battery protection Load switch
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
   Battery protection, Load switch
WSD4080DN56 WIINSOK-WSD4080DN56 Datasheet
1Mb / 5P
   Battery protection Load switch
WSD3075DN56 WIINSOK-WSD3075DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
logo
STMicroelectronics
VN5R003HTR-E STMICROELECTRONICS-VN5R003HTR-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
VN5R003H-E STMICROELECTRONICS-VN5R003H-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com