Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML0040PBF Arkusz danych(PDF) 10 Page - International Rectifier

Numer części IRLML0040PBF
Szczegółowy opis  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML0040PBF Arkusz danych(HTML) 10 Page - International Rectifier

Back Button IRLML0040PBF Datasheet HTML 2Page - International Rectifier IRLML0040PBF Datasheet HTML 3Page - International Rectifier IRLML0040PBF Datasheet HTML 4Page - International Rectifier IRLML0040PBF Datasheet HTML 5Page - International Rectifier IRLML0040PBF Datasheet HTML 6Page - International Rectifier IRLML0040PBF Datasheet HTML 7Page - International Rectifier IRLML0040PBF Datasheet HTML 8Page - International Rectifier IRLML0040PBF Datasheet HTML 9Page - International Rectifier IRLML0040PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLML0040TRPbF
10
www.irf.com
Data and specifications subject to change without notice.
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ Refer to application note #AN-994.
Note
Form
Quantity
IRLML0040TRPbF
Micro3 (SOT-23)
Tape and Reel
3000
Orderable part number
Package Type
Standard Pack
IR WORLD HEADQUARTERS: 101N.Sepulveda blvd, El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.02/2012
MS L1
(per IPC/JE DE C J-S TD-020D††† )
RoHS compliant
Yes
Micro3 (SOT-23)
Qualification information
Moisture Sensitivity Level
Qualification level
Cons umer††
(per JE DE C JE S D47F ††† guidelines )


Podobny numer części - IRLML0040PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF Datasheet
197Kb / 10P
   Industry-standard pinout
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com