Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML0060PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRLML0060PBF
Szczegółowy opis  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML0060PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRLML0060PBF Datasheet HTML 1Page - International Rectifier IRLML0060PBF Datasheet HTML 2Page - International Rectifier IRLML0060PBF Datasheet HTML 3Page - International Rectifier IRLML0060PBF Datasheet HTML 4Page - International Rectifier IRLML0060PBF Datasheet HTML 5Page - International Rectifier IRLML0060PBF Datasheet HTML 6Page - International Rectifier IRLML0060PBF Datasheet HTML 7Page - International Rectifier IRLML0060PBF Datasheet HTML 8Page - International Rectifier IRLML0060PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
03/09/12
IRLML0060TRPbF
HEXFET® Power MOSFET
www.irf.com
1
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 10
Application(s)
Micro3TM (SOT-23)
IRLML0060TRPbF
'
6
*



Load/ System Switch
Features and Benefits
Features
Benefits
VDS
60
V
VGS Max
± 16
V
RDS(on) max
(@VGS = 10V)
92
m
RDS(on) max
(@VGS = 4.5V)
116
m
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient
e
–––
100
RJA
Junction-to-Ambient (t<10s)
f
–––
99
W
°C/W
A
Max.
2.7
2.1
-55 to + 150
± 16
0.01
60
1.25
0.80
11
Industry-standard pinout
Multi-vendor compatibility
Compatible with existing Surface Mount Techniques
results in Easier manufacturing
RoHS compliant containing no lead, no bromide and no halogen
Environmentally friendly
MSL1, Industrial qualification
Increased reliability
PD - 97439A


Podobny numer części - IRLML0060PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML0060PBF IRF-IRLML0060PBF Datasheet
205Kb / 10P
   Industry-standard pinout
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com