Zakładka z wyszukiwarką danych komponentów |
|
LCE10A Arkusz danych(PDF) 3 Page - Socay Electornics Co., Ltd. |
|
LCE10A Arkusz danych(HTML) 3 Page - Socay Electornics Co., Ltd. |
3 / 5 page Axial Lead Transient Voltage Suppressors (TVS) Revision September 25, 2013 3 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. LCE Series 6.5 To 90 V 1500W Low Capacitance SOCAY Electronics Co., Ltd. www.socay.com Figure 1 - Peak Pulse Power Rating Curve Figure 3 - Pulse Waveform Ratings and Characteristic Curves (TA=25°C unless otherwise noted) Figure 4 – AC Line Protection Application Figure 2 - Pulse Derating Curve 150 100 50 0 tr=10µsec Peak Value IPPM Half Value IPPM (IPPM/2) tc 10/1000 µsec. Waveform as de fined by R.E.A 0 1.0 2.0 3.0 4.0 TJ=25°C Pulse Width(td) is de fined as the point where the peak current decays to 50% of IPPM t - Time (ms) td - Pulse Width (μs) 100 0.1 1 0.1 1 10 100 1000 10000 10 0 25 50 75 100 125 150 175 100 80 60 40 20 0 TL - Lead temperature(°C) Peak Power (Single Pulse) TJ=Initial Temperature Power Dissipation Low Capacitance TVS Application Note: Device must be used with two units in parallel, opposite in polarity as shown in circuit for AC signal line protection. |
Podobny numer części - LCE10A |
|
Podobny opis - LCE10A |