Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT28C17AP-20T Arkusz danych(PDF) 4 Page - Catalyst Semiconductor

Numer części CAT28C17AP-20T
Szczegółowy opis  16K-Bit CMOS PARALLEL E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C17AP-20T Arkusz danych(HTML) 4 Page - Catalyst Semiconductor

  CAT28C17AP-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C17AP-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C17AP-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C17AP-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C17AP-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C17AP-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C17AP-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C17AP-20T Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAT28C17A
4
Doc. No. 25034-00 2/98
A.C. CHARACTERISTICS, Read Cycle
VCC = 5V
±10%, unless otherwise specified.
28C17A-20
Symbol
Parameter
Min.
Max.
Units
tRC
Read Cycle Time
200
ns
tCE
CE Access Time
200
ns
tAA
Address Access Time
200
ns
tOE
OE Access Time
80
ns
tLZ(1)
CE Low to Active Output
0
ns
tOLZ(1)
OE Low to Active Output
0
ns
tHZ(1)(2)
CE High to High-Z Output
55
ns
tOHZ(1)(2)
OE High to High-Z Output
55
ns
tOH(1)
Output Hold from Address Change
0
ns
Figure 1. A.C. Testing Input/Output Waveform(3)
5089 FHD F03
Figure 2. A.C. Testing Load Circuit (example)
5089 FHD F04
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
(3) Input rise and fall times (10% and 90%) < 10 ns.
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE


Podobny numer części - CAT28C17AP-20T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT28C17AP-20T ONSEMI-CAT28C17AP-20T Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
More results

Podobny opis - CAT28C17AP-20T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com