Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM40044ABRG Arkusz danych(PDF) 1 Page - LightKey Optoelectronics Ltd.

Numer części LM40044ABRG
Szczegółowy opis  4.00 inch 4x4 Dual Color Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM40044ABRG Arkusz danych(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM40044ABRG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM40044ABRG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM40044ABRG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121845
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 4x4 Dual Color Dot Matrix LED Display
LM40044A/BRG Series – 4.00 inch 4x4 Dual Color Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
108.80 mm (4.00 inch) digit high
Dot size: Diameter 20.00 mm
Pitch: 27.20 mm
Wide viewing angle
Emitted colors: red and green
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face
Both CC and CA versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
5.08×5=25.4
Ø0.80
12
3
4
1
2
3
4
COL .
ROW
27.2×3=81.6
108.8(4.35 )
Ø20.0(0.80 )
PI N 1
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Podobny numer części - LM40044ABRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
More results

Podobny opis - LM40044ABRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
logo
Unity Opto Technology
UVP-2X44 UOT-UVP-2X44 Datasheet
62Kb / 5P
   2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
logo
Marktech Corporate
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM23058CDRG LIGHTKEY-LM23058CDRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM46058ABRG LIGHTKEY-LM46058ABRG Datasheet
126Kb / 3P
   4.60 inch 5x8 Dual Color Dot Matrix LED Display
LM40057ABRG LIGHTKEY-LM40057ABRG Datasheet
124Kb / 3P
   3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
   2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM23058ABRG LIGHTKEY-LM23058ABRG Datasheet
114Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com