Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM23058CR Arkusz danych(PDF) 2 Page - LightKey Optoelectronics Ltd.

Numer części LM23058CR
Szczegółowy opis  2.30 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23058CR Arkusz danych(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM23058CR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23058CR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23058CR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121833
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM23058C (Common Cathode Row)
LM23058D (Common Anode Row)
8
7
6
5
4
3
2
ROW
1
5
2
7
1
12
8
14
5
6
2
PIN
9
NO.
PIN
NO.
COL.
13
3
1
411
3
10
4
14
12
85
7
6
2
7
5
4
1
3
2
8
COL.
PIN
NO.
NO.
ROW
19
13
NO.
PIN
1
3
2
10
411
34
6
5
Selection Guide
Part No.
Chip
IV@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM23058CR
LM23058DR
GaAlAs
Super Red
640
8
10
LM23058CD
LM23058DD
GaAlAs
Hi-Red
640
18
25
LM23058CO
LM23058DO
GaAsP
Orange
625
7
9
LM23058CY
LM23058DY
GaAsP
Yellow
588
8
10
LM23058CG
LM23058DG
GaP
Green
568
7
9
LM23058CUR
LM23058DUR
AlGaInP
Ultra Red
640
30
45
LM23058CUO
LM23058DUO
AlGaInP
Ultra Orange
625
45
60
LM23058CUA
LM23058DUA
AlGaInP
Ultra Amber
605
30
45
LM23058CUY
LM23058DUY
AlGaInP
Ultra Yellow
595
30
45
LM23058CUG
LM23058DUG
AlGaInP
Ultra Green
573
30
45
LM23058CPG
LM23058DPG
InGaN
Pure Green
525
120
300
LM23058CUB
LM23058DUB
InGaN
Ultra Blue
470
30
45
LM23058CUW
LM23058DUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Podobny numer części - LM23058CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM23058CRG LIGHTKEY-LM23058CRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
More results

Podobny opis - LM23058CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CDRG LIGHTKEY-LM23058CDRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM23058ABRG LIGHTKEY-LM23058ABRG Datasheet
114Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2124-11A MARKTECH-MTAN2124-11A Datasheet
45Kb / 1P
   Marktech 2.30 5x8 Dot Matrix
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com