Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F245MSA Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74F245MSA
Szczegółowy opis  74F245 Octal Bidirectional Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F245MSA Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74F245MSA Datasheet HTML 1Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 2Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 3Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 4Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 5Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 6Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 7Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 8Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F245 Rev. 1.4.0
4
DC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Recognized as a HIGH
Signal
2.0
V
VIL
Input LOW Voltage
Recognized as a LOW
Signal
0.8
V
VCD
Input Clamp Diode Voltage
Min.
IIN = –18mA
–1.2
V
VOH
Output HIGH Voltage
10% VCC
Min.
IOH = –3mA (An)
2.4
V
10% VCC
IOH = –15mA (Bn)
2.0
5% VCC
IOH = –3mA (An)
2.7
VOL
Output LOW Voltage
10% VCC
Min.
IOL = 24mA (An)
0.5
V
10% VCC
IOL = 64mA (Bn)
0.55
IIH
Input HIGH Current
Max.
VIN = 2.7V
5.0
µA
IBVI
Input HIGH Current Breakdown Test
Max.
VIN = 7.0V (OE, T/R)
7.0
µA
IBVIT
Input HIGH Current Breakdown (I/O)
Max.
VIN = 5.5V (An, Bn)
0.5
mA
ICEX
Output HIGH Leakage Current
Max.
VOUT = VCC (An, Bn)50
µA
VID
Input Leakage Test
0.0
IID = 1.9µA, All Other
Pins Grounded
4.75
V
IOD
Output Leakage Circuit Current
0.0
VIOD = 150mV, All Other
Pins Grounded
3.75
µA
IIL
Input LOW Current
Max.
VIN = 0.5V (T/R, OE)
–1.2
mA
IIH + IOZH Output Leakage Current
Max.
VOUT = 2.7V (An, Bn)70
µA
IIL + IOZL Output Leakage Current
Max.
VOUT = 0.5V (An, Bn)
–650
µA
IOS
Output Short-Circuit Current
Max.
VOUT = 0V (An)
–60
–150
mA
VOUT = 0V (Bn)
–100
–225
IZZ
Bus Drainage Test
0.0V
VOUT = 5.25V(An, Bn)
500
µA
ICCH
Power Supply Current
Max.
VO = HIGH
70
90
mA
ICCL
Power Supply Current
Max.
VO = LOW
95
120
mA
ICCZ
Power Supply Current
Max.
VO = HIGH Z
85
110
mA


Podobny numer części - 74F245MSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F245MSA NSC-74F245MSA Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F245MSA FAIRCHILD-74F245MSA Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results

Podobny opis - 74F245MSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com