Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT28C257HNI-15T Arkusz danych(PDF) 9 Page - Catalyst Semiconductor

Numer części CAT28C257HNI-15T
Szczegółowy opis  256K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C257HNI-15T Arkusz danych(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28C257HNI-15T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C257HNI-15T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Advanced
CAT28C257
9
Doc. No. 25073-00 2/98
Note:
(1)
Write protection is activated at this point whether or not any more writes are completed. Writing to addresses must occur within tBLC
Max., after SDP activation.
HARDWARE DATA PROTECTION
The following is a list of hardware data protection fea-
tures that are incorporated into the CAT28C257.
(1) VCC sense provides for write protection when VCC
falls below 3.5V min.
(2) A power on delay mechanism, tINIT (see AC charac-
teristics), provides a 5 to 10 ms delay before a write
sequence, after VCC has reached 3.5V min.
(3) Write inhibit is activated by holding any one of
OE
low,
CE high or WE high.
(4) Noise pulses of less than 20 ns on the
WE or CE
inputs will not result in a write cycle.
SOFTWARE DATA PROTECTION
The CAT28C257 features a software controlled data
protection scheme which, once enabled, requires a data
algorithm to be issued to the device before a write can be
performed. The device is shipped from Catalyst with the
software protection NOT ENABLED (the CAT28C257 is
in the standard operating mode).
Figure 9. Write Sequence for Activating Software
Data Protection
Figure 10. Write Sequence for Deactivating
Software Data Protection
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
80
ADDRESS:
5555
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
20
ADDRESS:
5555
5096 FHD F08
5096 FHD F09
SOFTWARE DATA
PROTECTION ACTIVATED
(12)
WRITE DATA:
XX
WRITE LAST BYTE
TO
LAST ADDRESS
TO ANY ADDRESS
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
A0
ADDRESS:
5555
(1)


Podobny numer części - CAT28C257HNI-15T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C257G-12T CATALYST-CAT28C257G-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-15T CATALYST-CAT28C257G-15T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257GA-12T CATALYST-CAT28C257GA-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
More results

Podobny opis - CAT28C257HNI-15T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com