Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM19088AUY Arkusz danych(PDF) 1 Page - LightKey Optoelectronics Ltd.

Numer części LM19088AUY
Szczegółowy opis  LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM19088AUY Arkusz danych(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM19088AUY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM19088AUY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM19088AUY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121821
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.90 inch 8x8 Dot Matrix LED Display
LM19088A/B Series – 1.90 inch 8x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
47.80 mm (1.90 inch) matrix height
Dot size: Diameter 4.80 mm
Pitch: 6.00 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
36.00
3
0.51
2.54*12=30.48
47.80
6.00*7=42.00
PIN 1
4.8
0
COL.
12
8
7
6
5
4
3
2
1
4
57
68
ROW
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Podobny numer części - LM19088AUY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CG LIGHTKEY-LM19088CG Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CO LIGHTKEY-LM19088CO Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CPG LIGHTKEY-LM19088CPG Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088CR LIGHTKEY-LM19088CR Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results

Podobny opis - LM19088AUY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088KL LIGHTKEY-LM19088KL Datasheet
300Kb / 3P
   LM19088K/L Series . 1.90 inch 8x8 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM15088AB LIGHTKEY-LM15088AB Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com