Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25C256U20-1.8TE13 Arkusz danych(PDF) 4 Page - Catalyst Semiconductor

Numer części CAT25C256U20-1.8TE13
Szczegółowy opis  128K/256K-Bit SPI Serial CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256U20-1.8TE13 Arkusz danych(HTML) 4 Page - Catalyst Semiconductor

  CAT25C256U20-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256U20-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
CAT25C128/256
Doc. No. 25088-00 1/01
Limits
Vcc=
VCC=
VCC=
VCC =
1.8V-6.0V
2.5V-6.0V
2.7V-6.0V
4.5V-5.5V
SYMBOL PARAMETER
Min. Max. Min.
Max. Min. Max. Min. Max. UNITS
tSU
Data Setup Time
500
100
70
35
ns
tH
Data Hold Time
500
100
70
35
ns
tWH
SCK High Time
2500
250
200
80
ns
tWL
SCK Low Time
2500
250
200
80
ns
fSCK
Clock Frequency
DC
0.2
DC
2.0
DC
2.5
DC
5
MHz
tLZ
HOLD to Output Low Z
100
50
50
50
ns
tRI(1)
Input Rise Time
2
2
2
2
µs
tFI(1)
Input Fall Time
2
2
2
2
µs
tHD
HOLD Setup Time
250
100
100
40
ns
tCD
HOLD Hold Time
250
100
100
40
ns
tWC
Write Cycle Time
10
10
10
5
ms
tV
Output Valid from Clock Low
250
200
200
80
ns
tHO
Output Hold Time
0
0
0
0
ns
tDIS
Output Disable Time
250
200
200
100
ns
tHZ
HOLD to Output High Z
150
100
100
50
ns
tCS
CS High Time
100
100
100
100
ns
tCSS
CS Setup Time
100
100
100
100
ns
tCSH
CS Hold Time
100
100
100
100
ns
tWPS
WP Setup Time
50
50
50
50
ns
tWPH
WP Hold Time
50
50
50
50
ns
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS (CAT25C256)
Test
Conditions
CL = 50pF


Podobny numer części - CAT25C256U20-1.8TE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT2 CATALYST-CAT25C256L-1.8-GT2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT3 CATALYST-CAT25C256L-1.8-GT3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T2 CATALYST-CAT25C256L-1.8T2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T3 CATALYST-CAT25C256L-1.8T3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
More results

Podobny opis - CAT25C256U20-1.8TE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com