Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD160011DUR Arkusz danych(PDF) 4 Page - LightKey Optoelectronics Ltd.

Numer części LD160011DUR
Szczegółowy opis  LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD160011DUR Arkusz danych(HTML) 4 Page - LightKey Optoelectronics Ltd.

  LD160011DUR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD160011DUR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD160011DUR Datasheet HTML 3Page - LightKey Optoelectronics Ltd. LD160011DUR Datasheet HTML 4Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LightKey
SPEC NO: DS10121501
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 16 inch Large Assembly 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage@
IF=20mA
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Super Red
Per Seg.
10.8
13.2
110
5400
375
1500
Hi-Red
Per Seg.
10.8
13.2
110
5400
375
1500
Orange
Per Seg.
12.6
15
110
7200
450
1500
Yellow
Per Seg.
12.6
15
110
7200
450
1500
Green
Per Seg.
13.2
15
110
7200
450
1500
Ultra Red
Per Seg.
11.4
15.6
110
5400
450
1500
Ultra Orange
Per Seg.
12
15.6
110
5850
450
1500
Ultra Amber
Per Seg.
12
15.6
110
5850
450
1500
Ultra Yellow
Per Seg.
12
15.6
110
5850
450
1500
Ultra Green
Per Seg.
12.6
15.6
110
6750
450
1500
Pure Green
Per Seg.
21
24
110
9900
450
1500
Ultra Blue
Per Seg.
21
24
110
10800
450
1500
Ultra White
Per Seg.
21
24
110
10800
450
1500
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Podobny numer części - LD160011DUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LD160011AB LIGHTKEY-LD160011AB Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011AD LIGHTKEY-LD160011AD Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011AG LIGHTKEY-LD160011AG Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011AO LIGHTKEY-LD160011AO Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011APG LIGHTKEY-LD160011APG Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
More results

Podobny opis - LD160011DUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LD160011AB LIGHTKEY-LD160011AB Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD80011CD LIGHTKEY-LD80011CD Datasheet
144Kb / 3P
   8 inch Large Assembly 7 Segment LED Display
LD200011AB LIGHTKEY-LD200011AB Datasheet
148Kb / 3P
   LD200011A/B Series ??20 inch Large Assembly 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
   3.00 inch Single Digit 7 Segment big assembly LED Display
LD3011CD LIGHTKEY-LD3011CD Datasheet
160Kb / 3P
   LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
   7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
   7 SEGMENT LED DISPLAY
logo
QT Optoelectronics
FND310C QT-FND310C Datasheet
311Kb / 3P
   0.362-INCH 7-SEGMENT DISPLAY
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com