Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4739-B20-GMR Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI4739-B20-GMR
Szczegółowy opis  BROADCAST MULTI-BAND RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4739-B20-GMR Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI4739-B20-GMR Datasheet HTML 1Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 2Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 3Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 4Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 5Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 6Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 7Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 8Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Si473x-B20
Rev. 0.5
5
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
–0.5 to 5.8
V
Interface Supply Voltage
VIO
–0.5 to 3.9
V
Input Current3
IIN
10
mA
Input Voltage3
VIN
–0.3 to (VIO + 0.3)
V
Operating Temperature
TOP
–40 to 95
C
Storage Temperature
TSTG
–55 to 150
C
RF Input Level4
0.4
VPK
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure beyond
recommended operating conditions for extended periods may affect device reliability.
2. The Si473x devices are high-performance RF integrated circuits with certain pins having an ESD rating of < 2 kV
HBM. Handling and assembly of these devices should only be done at ESD-protected workstations.
3. For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, GPO1, GPO2, and GPO3.
4. At RF input pins, FMI and AMI.


Podobny numer części - SI4739-B20-GMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4739-B20 SILABS-SI4739-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

Podobny opis - SI4739-B20-GMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com