Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4565ADY Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4565ADY
Szczegółowy opis  N- and P-Channel 40-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4565ADY Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4565ADY Datasheet HTML 1Page - Vishay Siliconix SI4565ADY Datasheet HTML 2Page - Vishay Siliconix SI4565ADY Datasheet HTML 3Page - Vishay Siliconix SI4565ADY Datasheet HTML 4Page - Vishay Siliconix SI4565ADY Datasheet HTML 5Page - Vishay Siliconix SI4565ADY Datasheet HTML 6Page - Vishay Siliconix SI4565ADY Datasheet HTML 7Page - Vishay Siliconix SI4565ADY Datasheet HTML 8Page - Vishay Siliconix SI4565ADY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vishay Siliconix
Si4565ADY
Document Number: 73880
S09-0393-Rev. B, 09-Mar-09
www.vishay.com
1
N- and P-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
CCFL Inverter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
N-Channel
40
0.039 at VGS = 10 V
6.6
6.6
0.050 at VGS = 4.5 V
5.8
P-Channel
- 40
0.054 at VGS = - 10 V
- 4.5
9
0.072 at VGS = - 4.5 V
- 3.9
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4565ADY-T1-E3 (Lead (Pb)-free)
Si4565ADY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
D1
G1
S1
S2
G2
D2
P-Channel MOSFET
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 120 °C/W (N-Channel) and 110 °C/W (P-Channel).
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
40
- 40
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6.6
- 5.6
A
TC = 70 °C
5.3
- 4.5
TA = 25 °C
5.3b, c
- 4.5b, c
TA = 70 °C
4.2b, c
- 3.6b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
30
- 30
Source-Drain Current Diode Current
TC = 25 °C
IS
2.5
- 2.5
TA = 25 °C
1.7b, c
- 1.7b, c
Pulsed Source-Drain Current
ISM
30
- 30
Single Pulse Avalanche Current
L = 0.1 mH
IAS
13
16
Single Pulse Avalanche Energy
EAS
8.5
13
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
3.1
W
TC = 70 °C
22
TA = 25 °C
2b, c
2b, c
TA = 70 °C
1.28b, c
1.28b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
N-Channel
P-Channel
Parameter
Symbol
Typ.
Max.
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
52
62.5
50
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
32
40
30
38


Podobny numer części - SI4565ADY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4565ADY VISHAY-SI4565ADY Datasheet
149Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4565ADY-T1-E3 VBSEMI-SI4565ADY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Podobny opis - SI4565ADY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com