Zakładka z wyszukiwarką danych komponentów |
|
BA2901SF-E2 Arkusz danych(PDF) 10 Page - Rohm |
|
BA2901SF-E2 Arkusz danych(HTML) 10 Page - Rohm |
10 / 56 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 10/53 11.Dec.2013 Rev.003 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339xx BA2903xxx BA2903Sxxx BA2903Wxx BA2901xx BA2901Sxx Electrical Characteristics - continued ○BA2901xx, BA2901S xx(Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 37,38) VIO 25°C - 2 7 mV OUT=1.4V Full range - - 15 VCC=5 to 36V, OUT=1.4V Input Offset Current (Note 37,38) IIO 25°C - 5 50 nA OUT=1.4V Full range - - 200 Input Bias Current (Note 38,39) IB 25°C - 50 250 nA OUT=1.4V Full range - - 500 Input Common-mode Voltage Range VICM 25°C 0 - VCC-1.5 V - Large Signal Voltage Gain AV 25°C 25 100 - V/mV VCC=15V, OUT=1.4 to 11.4V RL=15kΩ, VRL=15V 88 100 - dB Supply Current (Note 38) ICC 25°C - 0.8 2 mA OUT=Open Full range - - 2.5 OUT=Open, VCC=36V Output Sink Current (Note 40) ISINK 25°C 6 16 - mA +IN=0V, VIN=1V OUT=1.5V Output Saturation Voltage (Note 38) (Low Level Output Voltage) VOL 25°C - 150 400 mV +IN=0V, -IN=1V ISINK=4mA Full range - - 700 Output Leakage Current (Note 38) (High Level Output Current) ILEAK 25°C - 0.1 - nA +IN=1V, -IN=0V OUT=5V Full range - - 1 μA +IN=1V, -IN=0V OUT=36V Response Time tRE 25°C - 1.3 - μs RL=5.1kΩ, VRL=5V VIN=100mVP-P, Overdrive=5mV - 0.4 - RL=5.1kΩ, VRL=5V, VIN=TTL Logic Swing, VREF=1.4V (Note 37) Absolute value (Note 38) BA2901S:Full range -40°C to 105°C ,BA2901:Full range -40°C to +125°C (Note 39) Current Direction : Since first input stage is composed with PNP transistor, input bias current flows out of IC. (Note 40) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
Podobny numer części - BA2901SF-E2 |
|
Podobny opis - BA2901SF-E2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |