Zakładka z wyszukiwarką danych komponentów |
|
BA4558YFV-M Arkusz danych(PDF) 8 Page - Rohm |
|
BA4558YFV-M Arkusz danych(HTML) 8 Page - Rohm |
8 / 20 page Datasheet www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RAR1G200630-1-2 TSZ22111・15・001 8/17 20.Feb.2013 Rev.001 BA4558Yxxx-M ○BA4558Yxxx-M (*) The above data is measurement value of typical sample, it is not guaranteed. Figure 10. Input Offset Voltage - Supply Voltage (Vicm=0V, OUT=0V) -6 -4 -2 0 2 4 6 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] -40℃ 105℃ 25℃ Figure 11. Input Offset Voltage - Ambient Temperature (Vicm=0V, OUT=0V) -6 -4 -2 0 2 4 6 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [ ℃] ±4V ±7.5V ±15V Figure 13. Input Bias Current - Ambient Temperature (Vicm=0V, OUT=0V) 0 10 20 30 40 50 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [℃] ±15V ±7.5V ±4V Figure 12. Input Bias Current - Supply Voltage (Vicm=0V, OUT=0V) 0 10 20 30 40 50 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] -40℃ 25℃ 105℃ |
Podobny numer części - BA4558YFV-M |
|
Podobny opis - BA4558YFV-M |