Zakładka z wyszukiwarką danych komponentów |
|
BA4560YFVM-MTR Arkusz danych(PDF) 3 Page - Rohm |
|
BA4560YFVM-MTR Arkusz danych(HTML) 3 Page - Rohm |
3 / 20 page Datasheet www.rohm.com TSZ02201-0RAR1G200640-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 3/17 1.Mar.2013 Rev.001 TSZ22111・15・001 BA4560Yxxx-M ●Absolute Maximum Ratings(Ta=25℃) Parameter Symbol Ratings Unit Supply Voltage VCC-VEE +36 V Power Dissipation Pd SOP8 775 *1*4 mW SSOP-B8 625 *2*4 MSOP8 600 *3*4 Differential Input Voltage *5 Vid +36 V Input Common-mode Voltage Range Vicm (VEE-0.3) to (VEE+36) V Operating Supply Voltage Vopr +8.0 to +30 (±4.0 to ±15) V Operating Temperature Range Topr -40 to +105 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Maximum Junction Temperature Tjmax +150 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. *1 To use at temperature above Ta=25℃ reduce 6.2mW/℃. *2 To use at temperature above Ta=25℃ reduce 5.0mW/℃. *3 To use at temperature above Ta=25℃ reduce 4.8mW/℃. *4 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). *5 The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. |
Podobny numer części - BA4560YFVM-MTR |
|
Podobny opis - BA4560YFVM-MTR |