Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD33IC0MEFJ-LBH2 Arkusz danych(PDF) 4 Page - Rohm

Numer części BD33IC0MEFJ-LBH2
Szczegółowy opis  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD33IC0MEFJ-LBH2 Arkusz danych(HTML) 4 Page - Rohm

  BD33IC0MEFJ-LBH2 Datasheet HTML 1Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 2Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 3Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 4Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 5Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 6Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 7Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 8Page - Rohm BD33IC0MEFJ-LBH2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/21
BDxxIC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00590-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
-0.3 to +7.0 *
1
V
EN voltage
VEN
7.0
V
Power dissipation
HTSOP-J8
Pd
*2
2110
*2
mW
Operating Temperature Range
Topr
-40 to +105
Storage Temperature Range
Tstg
-55 to +150
Junction Temperature
Tjmax
+150
*1 Not to exceed Pd
*2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
Recommended Operating Ratings (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
2.4
5.5
V
EN voltage
VEN
0.0
5.5
V
Output voltage setting range
VO
0.8
4.5
V
Output current
IO
0.0
1.0
A
Electrical Characteristics (Unless otherwise noted, EN=3V, Vcc=3.3V, R1=16kΩ, R2=7.5kΩ)
Parameter
Symbol
Temp
Min.
Typ.
Max.
Unit
Conditions
Circuit current at shutdown
mode
ISD
25℃
-
0
5
μA
EN=0V, OFF mode
-40~105℃
-
-
5
Bias current
ICC
25℃
-
250
500
μA
-40~105℃
-
-
700
Line regulation
Reg.I
25℃
-1
-
1
%
VCC =( Vo+0.6V )→5.5V
-40~105℃
-1
-
1
Load regulation
Reg IO
25℃
-1.5
-
1.5
%
IO=0→1.0A
-40~105℃
-1.5
-
1.5
Minimum dropout Voltage1
VCO1
25℃
-
0.10
0.15
V
VCC=3.3V, IO=250mA
-40~105℃
-
-
0.23
Minimum dropout Voltage2
VCO2
25℃
-
0.20
0.30
V
VCC=3.3V, IO=500mA
-40~105℃
-
-
0.45
Minimum dropout Voltage3
VCO3
25℃
-
0.30
0.45
V
VCC=3.3V, IO=750mA
-40~105℃
-
-
0.68
Minimum dropout Voltage4
VCO4
25℃
-
0.40
0.60
V
VCC=3.3V, IO=1.0A
-40~105℃
-
-
0.9
Output reference voltage
(Variable type)
VFB
25℃
0.792
0.800
0.808
V
IO=0mA
-40~105℃
0.776
-
0.824
Output voltage(Fixed type)
VO
25℃
Vo×0.99
Vo
Vo×1.01
V
IO=0mA
-40~105℃
Vo×0.97
Vo
Vo×1.03
EN Low voltage
VEN(Low)
25℃
0
-
0.8
V
-40~105℃
0
-
0.8
EN High voltage
VEN(High)
25℃
2.4
-
5.5
V
-40~105℃
2.4
-
5.5
EN Bias current
IEN
25℃
1
3
9
µA
-40~105℃
-
-
9


Podobny numer części - BD33IC0MEFJ-LBH2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD33IC0MEFJ-C ROHM-BD33IC0MEFJ-C Datasheet
2Mb / 32P
   Automotive 1.0 A LDO Regulator
BD33IC0MEFJ-ME2 ROHM-BD33IC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Podobny opis - BD33IC0MEFJ-LBH2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC0MEFJ-M ROHM-BD00HC0MEFJ-M Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXHC0MEFJ-M ROHM-BDXXHC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com