Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD433M2FP3-CE2 Arkusz danych(PDF) 7 Page - Rohm

Numer części BD433M2FP3-CE2
Szczegółowy opis  200-mA 3.3-V or 5.0-V Output LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD433M2FP3-CE2 Arkusz danych(HTML) 7 Page - Rohm

Back Button BD433M2FP3-CE2 Datasheet HTML 3Page - Rohm BD433M2FP3-CE2 Datasheet HTML 4Page - Rohm BD433M2FP3-CE2 Datasheet HTML 5Page - Rohm BD433M2FP3-CE2 Datasheet HTML 6Page - Rohm BD433M2FP3-CE2 Datasheet HTML 7Page - Rohm BD433M2FP3-CE2 Datasheet HTML 8Page - Rohm BD433M2FP3-CE2 Datasheet HTML 9Page - Rohm BD433M2FP3-CE2 Datasheet HTML 10Page - Rohm BD433M2FP3-CE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Datasheet
Datasheet
7/34
TSZ02201-0T2T0AN00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.Oct.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD4xxM2-C
Series
●Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply Voltage
*1
VCC
-0.3 to +45.0
V
Output Control Voltage
*2
CTL
-0.3 to +45.0
V
Output Voltage
VOUT
-0.3 to +8.0
V
Power Dissipation
HTSOP-J8
*3
Pd
0.75
W
SOT223-4F
*3
Pd
0.60
W
Junction Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
ESD withstand Voltage (HBM)
*4
VESD,HBM
±2000
V
*1
Do not exceed Pd.
*2
Applicable for product with Enable Input.
The start up orders of power supply (VCC) and the CTL pin do not influence if the voltage is within the operation power supply voltage range.
*3
HTSOP-J8 mounted on 114.3 mm x 76.2 mm x 1.6 mmt Glass-Epoxy PCB based on JEDEC. If Ta ≧25 °C, reduce by 6.0 mW/°C.
(1-layer PCB: Copper foil area on the reverse side of PCB:0 mm x 0 mm)
SOT223-4F mounted on 114.3 mm x 76.2 mm x 1.6 mmt Glass-Epoxy PCB based on JEDEC. If Ta ≧25 °C, reduce by 4.8 mW/°C.
(1-layer PCB: Copper foil area on the reverse side of PCB:0 mm x 0 mm)
*4
ESD susceptibility Human Body Model “HBM”
●Operating Conditions (-40 °C
≤ Tj ≤ +150 °C)
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage ( IOUT
≤ 200 mA )
*1
VCC
4.3
42.0
V
Supply Voltage ( IOUT
≤ 100 mA )
*1
VCC
3.9
42.0
V
Supply Voltage ( IOUT
≤ 200 mA )
*2
VCC
5.8
42.0
V
Supply Voltage ( IOUT
≤ 100 mA )
*2
VCC
5.5
42.0
V
Output Control Voltage
*3
CTL
0
42.0
V
Start-Up Voltage
*4
VCC
3.0
V
Output Current
IOUT
0
200
mA
Junction Temperature Range
Tj
-40
+150
°C
*1
BD433M2WEFJ-C / BD433M2WFP3-C / BD433M2EFJ-C / BD433M2FP3-C
*2
BD450M2WEFJ-C / BD450M2WFP3-C / BD450M2EFJ-C / BD450M2FP3-C
*3
Applicable for product with Enable Input
*4
When IOUT = 0 mA


Podobny numer części - BD433M2FP3-CE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD433M2FP3-CE2 ROHM-BD433M2FP3-CE2 Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
More results

Podobny opis - BD433M2FP3-CE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
   For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
logo
ON Semiconductor
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com