Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2224G-LB Arkusz danych(PDF) 3 Page - Rohm

Numer części BD2224G-LB
Szczegółowy opis  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2224G-LB Arkusz danych(HTML) 3 Page - Rohm

  BD2224G-LB Datasheet HTML 1Page - Rohm BD2224G-LB Datasheet HTML 2Page - Rohm BD2224G-LB Datasheet HTML 3Page - Rohm BD2224G-LB Datasheet HTML 4Page - Rohm BD2224G-LB Datasheet HTML 5Page - Rohm BD2224G-LB Datasheet HTML 6Page - Rohm BD2224G-LB Datasheet HTML 7Page - Rohm BD2224G-LB Datasheet HTML 8Page - Rohm BD2224G-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/21
BD2224G-LB
BD2225G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300390-1-2
21.Feb.2014 Rev.002
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
VIN Supply voltage
VIN
-0.3 to 6.0
V
EN(/EN) input voltage
VEN(/EN)
-0.3 to 6.0
V
/OC Voltage
V/OC
-0.3 to 6.0
V
/OC Sink current
I/OC
5
mA
VOUT Voltage
VOUT
-0.3 to VIN + 0.3
V
Storage temperature
TSTG
-55 to 150
Power dissipation
Pd
675
*1
mW
*1
Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.4mW per 1℃ above 25℃.
Recommended Operating Range
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
VIN operating voltage
VIN
2.7
5.0
5.5
V
Operating temperature
TOPR
-40
-
85
Electrical Characteristics (VIN= 5V, Ta= 25℃, unless otherwise specified.)
DC Characteristics
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Operating current
IDD
-
110
160
μA
VEN= 5V (BD2224G)
V/EN= 0V (BD2225G)
VOUT= open
Standby current
ISTB
-
0.01
5
μA
VEN= 0V (BD2224G)
V/EN= 5V (BD2225G)
VOUT= open
EN(/EN) input voltage
VEN(/EN)
2.0
-
-
V
High input
VEN(/EN)
-
-
0.8
V
Low input
EN(/EN) input leakage
IEN(/EN)
-1
0.01
1
μA
VEN(/EN)= 0V or 5V
On-resistance
RON
-
150
200
m
IOUT= 50mA
Over-current threshold
ITH
550
780
1000
mA
Short circuit output current
ISC
350
-
-
mA
VOUT= 0V, RMS
/OC output low voltage
V/OC
-
-
0.4
V
I/OC= 0.5mA
UVLO threshold
VTUV
2.1
2.3
2.5
V
VIN increasing
2.0
2.2
2.4
V
VIN decreasing
AC Characteristics
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output rise time
TON1
-
1
6
ms
RL= 20
Output turn-on time
TON2
-
1.5
10
ms
RL= 20
Output fall time
TOFF1
-
1
20
μs
RL= 20
Output turn-off time
TOFF2
-
3
40
μs
RL= 20
/OC delay time
T/OC
10
15
20
ms


Podobny numer części - BD2224G-LB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2224G-TR ROHM-BD2224G-TR Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results

Podobny opis - BD2224G-LB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com