Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD03P Arkusz danych(PDF) 5 Page - Sanken electric

Numer części STD03P
Szczegółowy opis  Darlington Transistor with built-in compensation diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STD03P Arkusz danych(HTML) 5 Page - Sanken electric

  STD03P Datasheet HTML 1Page - Sanken electric STD03P Datasheet HTML 2Page - Sanken electric STD03P Datasheet HTML 3Page - Sanken electric STD03P Datasheet HTML 4Page - Sanken electric STD03P Datasheet HTML 5Page - Sanken electric STD03P Datasheet HTML 6Page - Sanken electric STD03P Datasheet HTML 7Page - Sanken electric STD03P Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Darlington Transistor with built-in compensation diodes
STD03P
March, 2006
Sanken Electric Co.,Ltd.
T01-002EA-060309
External Dimensions
MT-105 (TO3P 5pin)
Mass: Approx.6.0g
Gate burr
Including punching burr
Measured at the root of pins
Measured at the root of pins
Measured at the pin tips
5/8


Podobny numer części - STD03P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
STD03P ALLEGRO-STD03P Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD03P SANKEN-STD03P Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
More results

Podobny opis - STD03P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
SDH02 SANKEN-SDH02 Datasheet
22Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com