Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24WC04YA-TE13F Arkusz danych(PDF) 8 Page - Catalyst Semiconductor

Numer części CAT24WC04YA-TE13F
Szczegółowy opis  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC04YA-TE13F Arkusz danych(HTML) 8 Page - Catalyst Semiconductor

  CAT24WC04YA-TE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC04YA-TE13F Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT24WC01/02/04/08/16
8
Doc. No. 25051-00 3/98 S-1
clock out data. After the CAT24WC01/02/04/08/16 re-
ceives its slave address information (with the R/
W bit set
to one), it issues an acknowledge, then transmits the 8-
bit byte requested. The master device does not send an
acknowledge but will generate a STOP condition.
Selective Read
Selective READ operations allow the Master device to
select at random any memory location for a READ
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte address of the location it wishes to
read. After the CAT24WC01/02/04/08/16 acknowledge
the word address, the Master device resends the START
condition and the slave address, this time with the R/
W
bit set to one. The CAT24WC01/02/04/08/16 then re-
sponds with its acknowledge and sends the 8-bit byte
requested. The master device does not send an ac-
knowledge but will generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by
either the immediate Address READ or Selective READ
operations. After the 24WC01/02/04/08/16 sends initial
8-bit byte requested, the Master will respond with an
acknowledge which tells the device it requires more
data. The CAT24WC01/02/04/08/16 will continue to
output an 8-bit byte for each acknowledge sent by the
Master. The operation is terminated when the Master
fails to respond with an acknowledge, thus sending the
STOP condition.
The data being transmitted from the CAT24WC01/02/
04/08/16 is outputted sequentially with data from ad-
dress N followed by data from address N+1. The READ
operation address counter increments all of the
CAT24WC01/02/04/08/16 address bits so that the en-
tire memory array can be read during one operation. If
more than the E (where E = 127 for 24WC01, 255 for
24WC02, 511 for 24WC04, 1023 for 24WC08, and 2047
for 24WC16) bytes are read out, the counter will “wrap
around” and continue to clock out data bytes.
5020 FHD F10
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T


Podobny numer części - CAT24WC04YA-TE13F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC04YATE13F CATALYST-CAT24WC04YATE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Podobny opis - CAT24WC04YA-TE13F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com