Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA7073MPR Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SLA7073MPR
Szczegółowy opis  2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7073MPR Arkusz danych(HTML) 1 Page - Sanken electric

  SLA7073MPR Datasheet HTML 1Page - Sanken electric SLA7073MPR Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
94
ICs
1-2-1 2-Phase Stepper Motor Unipolar Driver ICs
2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
SLA7070MR, MPR, MPRT/7071MR, MPR, MPRT/7072MR, MPR, MPRT/7073MR, MPR, MPRT
■Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Remarks
Motor Supply Voltage
VM
46
V
Driver Supply Voltage
VBB
46
V
Logic Supply Voltage
VDD
6V
Output Current
Io
*1
A
Mode F
Logic Input Voltage
VIN
–0.3 to VDD+0.3
V
REF Input Voltage
VREF
–0.3 to VDD+0.3
V
Sense Voltage
VRS
±2V
Excluding tw<1µs
Power Dissipation
PD
4.7
W
When Ta = 25°C
17
When Tc = 25°C
Junction Temperature
Tj
+150
°C
Operating Ambient Temperature
Ta
–20 to +85
°C
Storage Temperature
Tstg
–30 to +150
°C
■Features
• Lineup of built-in current sense resistor and
built-in protection circuit-type
• Power supply voltages, VBB: 46 V (max), 10 to
44 V normal operating range
• Logic supply voltages, VDD: 3.0 to 5.5 V
• Maximum output currents: 1 A, 1.5 A, 2 A, and
3 A
• Built-in sequencer
• Self-excitation PWM current control with fixed
off-time
• Synchronous PWM chopping function
prevents motor noise in Hold mode
• Sleep mode for reducing the IC input current
in stand-by state
• ZIP type 23-pin molded package (SLA
package)
*1: Output current value may be limited for the SLA7070MR, MPR, MPRT (1.0 A), SLA7071MR, MPR, MPRT (1.5 A),
SLA7072MR, MPR, MPRT (2.0 A), and SA7073MR, MPR, MPRT (3.0 A), depending on the duty ratio, ambient
temperature, and heating conditions.
Be sure that junction temperature of Tj is not exceeded under any circumstances.
■Recommended Operating Conditions
Parameter
Motor Supply Voltage
Driver Supply Voltage
Logic Supply Voltage
Case Temperature
Symbol
VM
VBB
VDD
TC
Unit
V
V
V
°C
Rating
min.
max.
44
10
44
3.0
5.5
90
Remarks
The VDD surge voltage should be 0.5 V or lower
Temperature at Pin-12 Lead (without heatsink)
Parameter
Symbol
Unit
Ratings
min.
max.
15
100
5
0.85
0.6
0.4
0.24
1.1
1.25
1.2
2.1
0.25VDD
0.3
0.45
0.4
0.45
VDD
0.314
0.314
0.211
0.160
0.75
1.25
1.25
IBB
IBBS
IDD
V(BR)DSS
RDS(ON)
VF
Fclock
VIL
VIH
IIL
IIH
VREF
VREFS
IREF
VSENSE
TSE
tcon
tcoff
RS
Vocp
Iocp
Ttsd
VFlagL
VFlagH
IFlagL
IFlagH
ModeF
Mode8
ton(min)
toff
Main Supply Current
Logic Supply Current
Output MOSFET Breakdown Voltage
Output MOSFET ON Resistance
Output MOSFET Diode Forward Voltage
Maximum Clock Frequency
Logic Input Voltage
Logic Input Current
REF Input Voltage
REF Input Current
Sense Voltage
Sleep-Enable Recovery Time
Switching Time
Sense Resistance
Overcurrent Sense Voltage
Overcurrent Sense Current
Thermal Protection Temperature
Flag Output Voltage
Flag Output Current
Step Reference Current Ratio
PWM Minimum ON Time
PWM OFF Time
100
250
0.75VDD
0.04
0.04
0.04
0.04
2
100
0.296
0.296
0.199
0.150
0.65
1.25–VDD
–1.25
typ.
0.7
0.45
0.25
0.18
0.85
1.0
0.95
0.95
±1
±1
±10
VREF
2.0
1.5
0.305
0.305
0.205
0.155
0.7
2.3
3.5
4.6
140
100
70.7
3.2
12
Conditions
In operation
Sleep 1 and Sleep 2 modes
VBB=44V, ID=1mA
SLA7070M, ID=1.0A
SLA7071M, ID=1.5A
SLA7072M, ID=2.0A
SLA7073M, ID=3.0A
SLA7070M, ID=1.0A
SLA7071M, ID=1.5A
SLA7072M, ID=2.0A
SLA7073M, ID=3.0A
When Clock Duty = 50%
SLA7070M, within the current setting range
SLA7071M, within the current setting range
SLA7072M, within the current setting range
SLA7073M, within the current setting range
Output OFF (Sleep 1)
When step reference current ratio is 100%
Sleep1&Sleep2
Clock → Out ON
Clock → Out OFF
SLA7070M, tolerance of ±3%
SLA7071M, tolerance of ±3%
SLA7072M, tolerance of ±3%
SLA7073M, tolerance of ±3%
SLA7070xMPR, MPRT, when motor coil shorts out
SLA7070MPR, MPRT/7071MPR, MPRT
SLA7072MPR, MPRT
SLA7073MPR, MPRT
SLA707xMPRT, Rear of case (at the saturation temperature)
SLA707xMPR, MPRT, IFlagL=1.25mA
SLA707xMPR, MPRT, IFlagH=–1.25mA
SLA707xMPR, MPRT
mA
µA
mA
V
V
kHz
V
µA
V
µA
V
µS
µS
µS
V
A
°C
V
mA
%
%
µs
µs
* The direction in which current flows out of the device is regarded as negative.
■Electrical Characteristics


Podobny numer części - SLA7073MPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SLA7073MPR ALLEGRO-SLA7073MPR Datasheet
350Kb / 12P
   Motor Driver IC Family
More results

Podobny opis - SLA7073MPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
STA7132MPR SANKEN-STA7132MPR Datasheet
55Kb / 2P
   2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7075MPRT SANKEN-SLA7075MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7027MU SANKEN-SLA7027MU_10 Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7027MU SANKEN-SLA7027MU_11 Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7031M SANKEN-SLA7031M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7042M SANKEN-SLA7042M_10 Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU_11 Datasheet
87Kb / 2P
   2-Phase Excitation
logo
Sanyo Semicon Device
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com