Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD584TH883B Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD584TH883B
Szczegółowy opis  Pin Programmable, Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD584TH883B Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD584TH883B Datasheet HTML 4Page - Analog Devices AD584TH883B Datasheet HTML 5Page - Analog Devices AD584TH883B Datasheet HTML 6Page - Analog Devices AD584TH883B Datasheet HTML 7Page - Analog Devices AD584TH883B Datasheet HTML 8Page - Analog Devices AD584TH883B Datasheet HTML 9Page - Analog Devices AD584TH883B Datasheet HTML 10Page - Analog Devices AD584TH883B Datasheet HTML 11Page - Analog Devices AD584TH883B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
AD584
Rev. C | Page 11 of 12
OUTLINE DIMENSIONS
Figure 20. 8-Pin Metal Header [TO-99]
(H-08)
Dimensions shown in inches and (millimeters)
Figure 21. 8-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body (N-8)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MO-002-AK
0.2500 (6.35) MIN
0.5000 (12.70)
MIN
0.1850 (4.70)
0.1650 (4.19)
REFERENCE PLANE
0.0500 (1.27) MAX
0.0190 (0.48)
0.0160 (0.41)
0.0210 (0.53)
0.0160 (0.41)
0.0400 (1.02)
0.0100 (0.25)
0.0400 (1.02) MAX
0.0340 (0.86)
0.0280 (0.71)
0.0450 (1.14)
0.0270 (0.69)
0.1600 (4.06)
0.1400 (3.56)
0.1000 (2.54)
BSC
6
2
8
7
5
4
3
1
0.2000
(5.08)
BSC
0.1000
(2.54)
BSC
45° BSC
BASE & SEATING PLANE
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
SEATING
PLANE
0.015
(0.38)
MIN
0.210 (5.33)
MAX
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
8
1
4
5
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.100 (2.54)
BSC
0.400 (10.16)
0.365 (9.27)
0.355 (9.02)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
0.015 (0.38)
GAUGE
PLANE
0.005 (0.13)
MIN


Podobny numer części - AD584TH883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD584TH883B AD-AD584TH883B Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
More results

Podobny opis - AD584TH883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD584 AD-AD584 Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584 AD-AD584_12 Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
   Pin Programmable Precision Voltage Reference
Rev 1; 8/96
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
   Pin-Programmable, Precision Voltage Reference
2004
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com