Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21029MUV Arkusz danych(PDF) 1 Page - Rohm

Numer części BU21029MUV
Szczegółowy opis  4-wire Resistive Touch Screen Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21029MUV Arkusz danych(HTML) 1 Page - Rohm

  BU21029MUV Datasheet HTML 1Page - Rohm BU21029MUV Datasheet HTML 2Page - Rohm BU21029MUV Datasheet HTML 3Page - Rohm BU21029MUV Datasheet HTML 4Page - Rohm BU21029MUV Datasheet HTML 5Page - Rohm BU21029MUV Datasheet HTML 6Page - Rohm BU21029MUV Datasheet HTML 7Page - Rohm BU21029MUV Datasheet HTML 8Page - Rohm BU21029MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/26
TSZ02201-0Y1Y0F300110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11.Nov.2013 Rev.004
TSZ22111 • 14 • 001
www.rohm.co.jp
4-wire Resistive
Touch Screen Controller
BU21029MUV
●Key Specifications
■ Power supply voltage
■ Temperature range
Standby current
Sleep current
Operating current
Coordinate resolution
1.65[V]~3.60[V]
-20[℃]~85[℃]
1.0[uA] (Max.)
100[uA] (Typ.)
0.8[mA] (Typ.)
12bit
●General Description
Unlike most resistive touch screen controllers, the
BU21029MUV 4-wire resistive touch-screen controller
can generate data that enables dual touch detection.
The Host processor can use this data to detect single
and dual point coordinates.
●Features
Single and dual touch detection for standard 4-wire
resistive touch screens
I2C-like interface for interfacing with the host
processor
12-bit resolution
Single 1.65V to 3.60V supply
Power on reset
Auto power down control
Built-in clock oscillator circuit
●Package
VQFN020V4040
4.00 mm x 4.00 mm x 1.00 mm
●Applications
Equipment with built-in user interface for 4-wire
resistive touch screen
Portable information equipment like smart phones,
tablets, and PDAs
Audio-visual equipment like digital still cameras,
digital video cameras, and portable TVs
PCs or peripheral equipment like laptops, touch
screen monitors, and printers
●Typical Application Circuit


Podobny numer części - BU21029MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21029GUL-E2 ROHM-BU21029GUL-E2 Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
More results

Podobny opis - BU21029MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com