Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21029MUV-E2 Arkusz danych(PDF) 6 Page - Rohm

Numer części BU21029MUV-E2
Szczegółowy opis  4-wire Resistive Touch Screen Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21029MUV-E2 Arkusz danych(HTML) 6 Page - Rohm

Back Button BU21029MUV-E2 Datasheet HTML 2Page - Rohm BU21029MUV-E2 Datasheet HTML 3Page - Rohm BU21029MUV-E2 Datasheet HTML 4Page - Rohm BU21029MUV-E2 Datasheet HTML 5Page - Rohm BU21029MUV-E2 Datasheet HTML 6Page - Rohm BU21029MUV-E2 Datasheet HTML 7Page - Rohm BU21029MUV-E2 Datasheet HTML 8Page - Rohm BU21029MUV-E2 Datasheet HTML 9Page - Rohm BU21029MUV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6/26
Datasheet
Datasheet
BU21029MUV
TSZ02201-0Y1Y0F300110-1-2
© 2011 ROHM Co., Ltd. All rights reserved.
11.Nov.2013 Rev.004
www.rohm.co.jp
TSZ22111・15・001
●Host Interface Specification
The BU21029MUV controller operates as an I2C slave device. At the start of the communication, it receives an address
byte transmitted by the host processor and then then sends back an acknowledgement byte. The host processor can
transmit a command to execute conversion or to access registers only after receiving the acknowledgement for the
address byte. Communication ends when BU21029MUV receives a stop command.
●Address byte
On the address byte, the slave address for 2-wire interface is written on the upper 7 bits and the READ/WRITE bit is
written on the last bit. The upper six bits of the slave address are fixed to “100000” while the last bit is determined by the
“AD0” input.
Table 1. Serial Interface Slave Address Byte
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
1
000
00
A0
R/W
Bit D1: A0
Slave address bit0 (AD0)
Bit D0: R/W
1=read (reading data)
0=write (writing data)
●Command byte
The operation of BU21029MUV is dictated by the command byte. The host processor sets CID (D7) to 1 for conversion
function or to 0 for register access.
Table 2. Serial Interface Command Byte 1(CID=1)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
1CMSK
PDM
STP
CF
Bit D7: Command Byte ID
1= Command Byte 1(starts the conversion function determined by CF (Bit D6-D3)
Bits D6-D4: CF
Conversion function is selected as detailed below.
Table 3. BU21029MUV Conversion Function List
CF
Description
0x0
Touch screen scan function: X, Y, Z1 and Z2 coordinates are converted.
0x1
NOP
0x2
Auxiliary input is converted.
0x3
Clipping value is changed.
0x4
Free scan function: Status of Driver and input of A/D is assigned by the Host.
0x5
Calibration: Parameters for dual touch detection are calibrated.
0x6
NOP
0x7
NOP
0x8
X+, X- driver status
0x9
Y+, Y- driver status
0xA Y+, X- driver status
0xB NOP
0xC Touch screen scan function: X coordinate is converted.
0xD Touch screen scan function: Y coordinate isconverted.
0xE Touch screen scan function: Z1 and Z2 coordinates are converted.
0xF
Reserved


Podobny numer części - BU21029MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21029GUL-E2 ROHM-BU21029GUL-E2 Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
More results

Podobny opis - BU21029MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com