Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD34701KS2-E2 Arkusz danych(PDF) 5 Page - Rohm

Numer części BD34701KS2-E2
Szczegółowy opis  7.1ch Sound Processor with Built-in Micro-step Volume
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD34701KS2-E2 Arkusz danych(HTML) 5 Page - Rohm

  BD34701KS2-E2 Datasheet HTML 1Page - Rohm BD34701KS2-E2 Datasheet HTML 2Page - Rohm BD34701KS2-E2 Datasheet HTML 3Page - Rohm BD34701KS2-E2 Datasheet HTML 4Page - Rohm BD34701KS2-E2 Datasheet HTML 5Page - Rohm BD34701KS2-E2 Datasheet HTML 6Page - Rohm BD34701KS2-E2 Datasheet HTML 7Page - Rohm BD34701KS2-E2 Datasheet HTML 8Page - Rohm BD34701KS2-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/29
Datasheet
Datasheet
BD34701KS2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0C2C0E100080-1-2
17.Sep.2013 Rev.002
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Positive power supply
Vcc
+7.75
(Note1)
V
Negative power supply
Vee
-7.75
(Note1)
V
Power dissipation
Pd
1.30
(Note2)
W
Input voltage
Vin
Vee-0.2 to Vcc+0.2
V
Operating temperature
Topr
-40 to +85
(Note3)
°C
Storage temperature
Tastg
-55 to +125
°C
(Note1)
The maximum voltage that can be applied based on GND.
(Note2)
This value decreases 13.0mW/°C for Ta=25°C or more. A standard board, 70×70×1.6 mm, shall be mounted.
(Note3)
If it within operation voltage range, circuit functions operation is guaranteed within operation temp.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between
pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as
adding a fuse, in case the IC is operated over the absolute maximum ratings.
Operating Condition
Item
Symbol
Rating
Unit
Positive power supply
Vcc
+6.5 to +7.5
(Note4,5)
V
Negative power supply
Vee
-6.5 to -7.5
(Note4,5)
V
(Note4)
Applying a voltage based on GND.
(Note5)
Within operation temp range, basic circuit function Operation is guaranteed within operation voltage range.
But please confirm set up of constant and element, voltage set up and temp set up on use.
Please watch out except condition stipulated by electrical characteristics within the range, It cannot guarantee
standard value of electrical characteristics. But it retains original function.


Podobny numer części - BD34701KS2-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD34700FV ROHM-BD34700FV Datasheet
951Kb / 31P
   Micro-step volume can reduce the switching pop noise when volume changes
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD34704KS2-E2 ROHM-BD34704KS2-E2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD34705KS2 ROHM-BD34705KS2 Datasheet
1Mb / 39P
   Built-in 2ch Volume for ZONE output
More results

Podobny opis - BD34701KS2-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD3452KS ROHM-BD3452KS_10 Datasheet
378Kb / 10P
   7.1ch Sound Processor
logo
Mitsubishi Electric Sem...
M61516FP MITSUBISHI-M61516FP Datasheet
405Kb / 24P
   MITSUBISHI SOUND PROCESSOR ICs 7.1ch ELECTRONIC VOLUME WITH 10 INPUT SELECTOR
logo
Rohm
BD3471KS2 ROHM-BD3471KS2 Datasheet
3Mb / 23P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BD3473KS2 ROHM-BD3473KS2 Datasheet
4Mb / 25P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com