Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1568 Arkusz danych(PDF) 1 Page - Sanken electric

Numer części 2SA1568
Szczegółowy opis  Silicon PNP Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1568 Arkusz danych(HTML) 1 Page - Sanken electric

  2SA1568 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ratings
–60
–60
–6
–12
–3
35(Tc=25°C)
150
–55 to +150
+
24
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4065)
Application : DC Motor Driver, Chopper Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VFEC
fT
COB
Ratings
–100max
–60max
–60min
50min
–0.35max
–2.5max
40typ
330typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=–60V
VEB=–6V
IC=–25mA
VCE=–1V, IC=–6A
IC=–6A, IB=–0.3A
IECO=–10A
VCE=–12V, IE=0.5A
VCB=–10V, f=1MHz
VCC
(V)
–24
RL
(
Ω)
4
IC
(A)
–6
VBB2
(V)
5
IB2
(mA)
120
ton
(
µs)
0.4typ
tstg
(
µs)
0.4typ
tf
(
µs)
0.2typ
IB1
(mA)
–120
2SA1568
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
Safe Operating Area (Single Pulse)
0
0
–8
–4
–12
–6
–2
–10
–2
–1
–3
–4
–5
–6
Collector-Emitter Voltage V CE(V)
–40mA
–60mA
–100mA
–150mA
–20mA
–10mA
h FE– I C Temperature Characteristics (Typical)
–10
–50
–100
–3
–5
–1
–0.5
–0.05
–0.1
–30
–10
–5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
V CE(sat) – I B Characteristics (Typical)
0
–1.4
–1.0
–0.5
–7
–100
–10
–1000
–3000
Base Current I B(mA)
h FE– I C Characteristics (Typical)
–0.02
–0.1
–1
–10
2
10
300
100
Collector Current I C(A)
(V CE=–1V)
Typ
–0.02
–0.1
–1
–10
2
10
300
100
Collector Current I C(A)
(V CE=–1V)
1ms
100ms
DC
0.3
0.5
4
1
1
1 0
100
1000
Time t(ms)
0.05
0.1
1
1 0
0
20
30
50
40
(V CE=–12V)
Emitter Current I E(A)
Typ
f T– I E Characteristics (Typical)
Pc – T a Derating
35
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
50x50x2
100x100x2
150x150x2
0
–12
–6
–8
–10
–4
–2
0
–1.2
–0.4
–0.2
–0.6
–0.8
–1.0
Base-Emittor Voltage V BE(V)
(V CE=–1V)
125˚C
25˚C
–30˚C
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
VBB1
(V)
–10
External Dimensions FM20 (TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Built-in Diode at C – E
Low VCE (sat)
B
C
E
(250
Ω)
Equivalent
curcuit
Weight : Approx 2.0g
a. Part No.
b. Lot No.


Podobny numer części - 2SA1568

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
2SA1568 SANKEN-2SA1568 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
2SA1568 SANKEN-2SA1568_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results

Podobny opis - 2SA1568

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com