Zakładka z wyszukiwarką danych komponentów |
|
SL322R023 Arkusz danych(PDF) 1 Page - AMETHERM Circuit Protection Thermistors |
|
SL322R023 Arkusz danych(HTML) 1 Page - AMETHERM Circuit Protection Thermistors |
1 / 2 page 3111 N. Deer Run Road, Suite 4 Carson City, NV USA 89701 800-808-2434 / 775-884-2434 Fax 775-884-0670 / www.ametherm.com Circuit Protection Thermistors Ametherm’s bigAMP™ Inrush Current Limiters are specially designed to withstand up to 36 amperes of continuous current and 260 joules of input energy. The bigAMP Inrush Current Limiter is useful in: ➤ Switching power supplies ➤ AC Motors ➤ Uninterruptible Power Supplies ➤ Frequency Generators ➤ Other equipment that can be improved with inrush current protection When electrical equipment is turned on, the bigAMP Inrush Current Limiter absorbs high amounts of inrush current by offering a high resistance to current and quickly decreasing in resistance once steady state current begins to flow through the thermistor. In a switching power supply, the instantaneous surge energy is caused by the large input filter capacitors and AC input voltage. During the absorption of energy, the initial high resistance of the thermistor drops within milliseconds to a negligible resistance in preparation of allowing high levels of steady state current to flow with a minimal loss of power through the circuit. The bigAMP™ Inrush Current Limiter will absorb up to 260 joules of input energy and carry 36 amperes of steady state current. ➤ Use the maximum allowable inrush current and Ohm’s Law to determine the least allowable resistance at turn on for your application. ➤ Using the formula J=1/2CV2, determine how much input energy the thermistor will absorb when the device is turned on. ➤ Determine the maximum steady state current that will flow through the Inrush Current Limiter. ➤ Select the Inrush Current Limiter that will work for your application. How does the bigAMP Inrush Current Limiter work? One example of a typical circuit for limiting inrush current. How to specify the right bigAMP Inrush Current Limiter for your application: Another example of a typical circuit for limiting inrush current. File No. CA 110861 File No. E209153 |
Podobny numer części - SL322R023 |
|
Podobny opis - SL322R023 |