Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7091RBCPZ-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7091RBCPZ-RL
Szczegółowy opis  1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7091RBCPZ-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7091RBCPZ-RL Datasheet HTML 7Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 8Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 9Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 10Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 11Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 12Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 13Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 14Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD7091R
Rev. 0 | Page 11 of 20
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. For the
AD7091R, the endpoints of the transfer function are zero scale
(a point 0.5 LSB below the first code transition) and full scale (a
point 0.5 LSB above the last code transition).
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal
1 LSB change between any two adjacent codes in the ADC.
Offset Error
Offset error is the deviation of the first code transition (00 ...
000) to (00 ... 001) from the ideal (such as GND + 0.5 LSB).
Gain Error
Gain error is the deviation of the last code transition (111 ... 110)
to (111 ... 111) from the ideal (such as VREF − 1.5 LSB) after the
offset error has been adjusted out.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode after the
end of a conversion. The track-and-hold acquisition time is the
time required for the output of the track-and-hold amplifier to
reach its final value, within ±0.5 LSB, after a conversion (see the
Serial Interface section for more details).
Signal-to-Noise Ratio (SNR)
SNR is the measured ratio of signal to noise at the output of the
ADC. The signal is the rms amplitude of the fundamental. Noise
is the sum of all nonfundamental signals up to half the sampling
frequency (fSAMPLE/2), excluding dc.
The ratio is dependent on the number of quantization levels in the
digitization process: the more levels, the smaller the quantization
noise. The theoretical signal-to-noise ratio for an ideal N-bit
converter with a sine wave input is given by
Signal-to-Noise Ratio = (6.02N + 1.76) dB
Therefore, for a 12-bit converter, the SNR is 74 dB.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is the measured ratio of signal to noise and distortion at
the output of the ADC. The signal is the rms value of the sine
wave, and noise is the rms sum of all nonfundamental signals
up to half the sampling frequency (fSAMPLE/2), including
harmonics, but excluding dc.
Total Unadjusted Error (TUE)
TUE is a comprehensive specification that includes the gain,
linearity, and offset errors.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental.
For the AD7091R, THD is defined as
( )
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through the sixth harmonics.
Spurious Free Dynamic Range (SFDR)
SFDR, also known as peak harmonic or spurious noise, is defined
as the ratio of the rms value of the next largest component in the
ADC output spectrum (up to fSAMPLE/2 and excluding dc) to the
rms value of the fundamental. Usually, the value of this specifi-
cation is determined by the largest harmonic in the spectrum,
but for ADCs where the harmonics are buried in the noise floor,
the largest harmonic would be a noise peak.
Aperture Delay
Aperture delay is the measured interval between the leading
edge of the sampling clock and the point at which the ADC
samples data.
Aperture Jitter
Aperture jitter is the sample-to-sample variation in the effective
point in time at which the data is sampled.
Full Power Bandwidth
Full power bandwidth is the input frequency at which the
amplitude of the reconstructed fundamental is reduced by
0.1 dB or 3 dB for a full-scale input.


Podobny numer części - AD7091RBCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091RBCPZ-RL AD-AD7091RBCPZ-RL Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBCPZ-RL7 AD-AD7091RBCPZ-RL7 Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results

Podobny opis - AD7091RBCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com