Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-7550 Arkusz danych(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-7550
Szczegółowy opis  Integrated molded lead-frame DIP Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7550 Arkusz danych(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7550 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Figure 8. Distance from lens reference plane to surface, Z
Sensor
Lens
Navigation Surface
Lens to Surface 2.40
Optical/Electrical Characteristics (at Tc = 5°C to 45°C):
VCSEL Die Source Marking
V = A,V
V = C
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Notes
Peak Wavelength
λ
832
865
832
865
nm
Maximum Radiant
Power
LOPmax
4.5
4.0
mW
Maximum output power
under any condition. This
is not a recommended
operating condition and
does not meet eye safety
requirements.
Wavelength
Temperature coef-
ficient
dλ/dT
0.065
0.065
nm/ºC
Wavelength
Current coefficient
dλ/dI
0.21
0.3
nm/mA
Beam Divergence
θFW@1/
e^2
15
16
deg
Threshold current
Ith
4.2
3.0
mA
Slope Efficiency
SE
0.4
0.35
W/A
Forward Voltage
VF
2.1
2.4
2.1
2.4
V
At 500uW output power
Comments:
1. VCSELs are sorted into bins as specified in the power adjustment procedure. Appropriate binning register data values are used in the application
circuit to achieve the target output power. The VCSEL binning is marked on the integrated molded lead-frame DIP sensor package.
2. When driven with current or temperature range greater than specified in the power adjustment procedure section, eye safety limits may be
exceeded. The VCSEL should then be treated as a Class IIIb laser and as a potential eye hazard.
3. Over driving beyond LOPmax limit will cause the VSCEL to enter into on unstable region. Any LOP reference point in the laser power calibration
process.


Podobny numer części - ADNS-7550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pixart Imaging Inc.
ADNS-7550 PIXART-ADNS-7550 Datasheet
822Kb / 32P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550_16 Datasheet
611Kb / 9P
   Integrated molded lead-frame DIP Sensor
More results

Podobny opis - ADNS-7550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7530 AVAGO-ADNS-7530 Datasheet
493Kb / 36P
   Integrated molded lead-frame DIP Sensor
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530_16 Datasheet
1Mb / 12P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 PIXART-ADNS-7530 Datasheet
1Mb / 36P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550 Datasheet
822Kb / 32P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550_16 Datasheet
611Kb / 9P
   Integrated molded lead-frame DIP Sensor
logo
National Semiconductor ...
N18A NSC-N18A Datasheet
28Kb / 1P
   MOLDED DIP, 18 LEAD, .300 CETER
logo
Meder Electronic
DIP MEDER-DIP Datasheet
433Kb / 5P
   Molded DIP
logo
Bourns Electronic Solut...
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
202Kb / 1P
   Thin Film Molded DIP
4100T BOURNS-4100T Datasheet
181Kb / 1P
   Thin Film Molded DIP
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
   Molded DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com