Zakładka z wyszukiwarką danych komponentów |
|
ADM8660AN Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADM8660AN Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 12 page REV. B ADM660/ADM8660 –3– Power Dissipation, RU-16 . . . . . . . . . . . . . . . . . . . . . 500 mW (Derate 6 mW/ °C above +50°C) θ JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 158 °C/W Operating Temperature Range Industrial (A Version) . . . . . . . . . . . . . . . . – 40 °C to +85°C Storage Temperature Range . . . . . . . . . . . –65 °C to +150°C Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300 °C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220 °C ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 V *This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS * (TA = +25 °C, unless otherwise noted.) Input Voltage (V+ to GND, GND to OUT) . . . . . . . . +7.5 V LV Input Voltage . . . . . . . . . . (OUT – 0.3 V) to (V+, +0.3 V) FC and OSC Input Voltage . . . . . . . . . . . (OUT – 0.3 V) or (V+, –6 V) to (V+, +0.3 V) OUT, V+ Output Current (Continuous) . . . . . . . . . . . 120 mA Output Short Circuit Duration to GND . . . . . . . . . . . 10 secs Power Dissipation, N-8 . . . . . . . . . . . . . . . . . . . . . . . 625 mW (Derate 8.3 mW/ °C above +50°C) θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 120°C/W Power Dissipation, R-8 . . . . . . . . . . . . . . . . . . . . . . . 450 mW (Derate 6 mW/ °C above +50°C) θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 170°C/W ORDERING GUIDE Temperature Package Model Range Options * ADM660AN –40 °C to +85°C N-8 ADM660AR –40 °C to +85°CR-8 ADM660ARU –40 °C to +85°C RU-16 ADM8660AN –40 °C to +85°C N-8 ADM8660AR –40 °C to +85°CR-8 *N = Plastic DIP; RU = Thin Shrink Small Outline; RN = Small Outline. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADM660/ADM8660 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - ADM8660AN |
|
Podobny opis - ADM8660AN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |