Zakładka z wyszukiwarką danych komponentów |
|
ADG512ABR Arkusz danych(PDF) 5 Page - Analog Devices |
|
ADG512ABR Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 12 page ADG511/ADG512/ADG513 REV. C –5– ABSOLUTE MAXIMUM RATINGS 1 (TA = +25 °C unless otherwise noted) VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –25 V Analog, Digital Inputs 2 . . . . . . . . . . VSS – 2 V to VDD + 2 V or 30 mA, Whichever Occurs First Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA (Pulsed at 1 ms, 10% Duty Cycle max) Operating Temperature Range Industrial (B Version) . . . . . . . . . . . . . . . . . –40 °C to +85°C Extended (T Version) . . . . . . . . . . . . . . . . –55 °C to +125°C Storage Temperature Range . . . . . . . . . . . . . –65 °C to +150°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 °C Cerdip Package, Power Dissipation . . . . . . . . . . . . . . . 900 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 76 °C/W Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 300 °C Plastic Package, Power Dissipation . . . . . . . . . . . . . . . 470 mW θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 117°C/W Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 260 °C SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 600 mW θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 77°C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . 215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. 2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be limited to the maximum ratings given. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADG511/ADG512/ADG513 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ORDERING GUIDE Model 1 Temperature Range 2 Package Option 3 ADG511BN –40 °C to +85°C N-16 ADG511BR –40 °C to +85°C R-16A ADG511ABR4 –40 °C to +85°C R-16A ADG511TQ 4 –55 °C to +125°C Q-16 ADG512BN –40 °C to +85°C N-16 ADG512BR –40 °C to +85°C R-16A ADG512ABR4 –40 °C to +85°C R-16A ADG513BN –40 °C to +85°C N-16 ADG513BR –40 °C to +85°C R-16A ADG513ABR 4 –40 °C to +85°C R-16A NOTES 1For availability of MIL-STD-883, Class B processed parts, contact factory. 23.3 V specifications apply over 0 °C to 70°C temperature range. 3N = Plastic DIP; R = 0.15" Small Outline IC (SOIC); Q = Cerdip. 4Trench isolated latch-up proof parts. See Trench Isolation section. WARNING! ESD SENSITIVE DEVICE |
Podobny numer części - ADG512ABR |
|
Podobny opis - ADG512ABR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |