Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG507ABQ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG507ABQ
Szczegółowy opis  CMOS 8-/16-Channel Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG507ABQ Arkusz danych(HTML) 7 Page - Analog Devices

  ADG507ABQ Datasheet HTML 1Page - Analog Devices ADG507ABQ Datasheet HTML 2Page - Analog Devices ADG507ABQ Datasheet HTML 3Page - Analog Devices ADG507ABQ Datasheet HTML 4Page - Analog Devices ADG507ABQ Datasheet HTML 5Page - Analog Devices ADG507ABQ Datasheet HTML 6Page - Analog Devices ADG507ABQ Datasheet HTML 7Page - Analog Devices ADG507ABQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADG506A/ADG507A
–7–
REV. C
SINGLE SUPPLY AUTOMOTIVE APPLICATION
The excellent performance of the multiplexers under single
supply conditions makes the ADG506A/ADG507A suitable in
applications such as automotive and disc drives where only
positive power supply voltages are normally available. The fol-
lowing application circuit shows the ADG507A connected as an
8-channel differential multiplexer in an automotive, data acqui-
sition application circuit.
Figure 7. ADG507A in a Single Supply Automotive Data Acquisition Application
The AD7580 is a 10-bit successive approximation ADC, which
has an on-chip sample-hold amplifier and provides a conversion
result in 20
µs. The ADC has differential analog inputs and is
configured in the application circuit for a span of 2.5 V over a
common-mode range 0 V to + 5 V. Wider common-mode ranges
can be accommodated. See the AD7579/AD7580 data sheet for
more details. The complete system operates from +12 V (+10%)
and +5 V supplies. The analog input signals to the ADG507A
contain information such as temperature, pressure, speed etc.
Test Circuit 8. Enable Delay, tON (EN), tOFF (EN)
Test Circuit 9. Charge Injection


Podobny numer części - ADG507ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG507ABQ AD-ADG507ABQ Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results

Podobny opis - ADG507ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKNZ AD-ADG506AKNZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com