Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMT36VDDF25672Y-26A Arkusz danych(PDF) 1 Page - Micron Technology

Numer części AMT36VDDF25672Y-26A
Szczegółowy opis  DDR SDRAM RDIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRON [Micron Technology]
Strona internetowa  http://www.micron.com
Logo MICRON - Micron Technology

AMT36VDDF25672Y-26A Arkusz danych(HTML) 1 Page - Micron Technology

  AMT36VDDF25672Y-26A Datasheet HTML 1Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 2Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 3Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 4Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 5Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 6Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 7Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 8Page - Micron Technology AMT36VDDF25672Y-26A Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Products and specifications discussed herein are subject to change by Micron without notice.
1GB, 2GB (x72, ECC, DR) 184-Pin DDR SDRAM RDIMM
Features
PDF: 09005aef80772fd2/Source: 09005aef8075ebf6
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDF36C128_256x72.fm - Rev. G 9/08 EN
1
©2002 Micron Technology, Inc. All rights reserved.
DDR SDRAM RDIMM
MT36VDDF12872 – 1GB
MT36VDDF25672 – 2GB
For component data sheets, refer to Micron’s Web site: www.micron.com
Features
• 184-pin, registered dual in-line memory module
(RDIMM)
• Tall- and standard-height PCB options
• Fast data transfer rates: PC2100, PC2700, or PC3200
• 1GB (128 Meg x 72) and 2GB (256 Meg x 72)
• Supports ECC error detection and correction
•VDD = VDDQ = +2.5V
(-40B VDD = VDDQ = +2.6V)
•VDDSPD = +2.3V to +3.6V
• 2.5V I/O (SSTL_2-compatible)
• Internal, pipelined double data rate (DDR)
2n-prefetch architecture
• Bidirectional data strobe (DQS) transmitted/
received with data—that is, source-synchronous
data capture
• Differential clock inputs (CK and CK#)
• Multiple internal device banks for concurrent
operation
•Dual rank
• Selectable burst lengths (BL): 2, 4, or 8
• Auto precharge option
• Auto refresh and self refresh modes: 7.8125µs
maximum average periodic refresh interval
• Serial presence-detect (SPD) with EEPROM
• Selectable CAS latency (CL) for maximum
compatibility
• Gold edge contacts
184-Pin RDIMM Figures
Figure 1:
Tall-Height Layout – 1GB, 2GB
(MO-206-EA)
PCB height: 43.18mm (1.7in)
Figure 2:
Standard-Height Layout – 1GB
(MO-206-CA R/C D)
Figure 3:
Standard-Height Layout – 2GB
(MO-206-CA R/C D)
Notes: 1. Contact Micron for industrial temperature
module offerings.
2. CL = CAS (READ) latency; registered mode
adds one clock cycle to CL.
Options
Marking
• Operating temperature1
– Commercial (0°C ≤ TA ≤ +70°C)
None
– Industrial (–40°C ≤ TA ≤ +85°C)
I
•Package
– 184-pin DIMM (standard)
G
– 184-pin DIMM (Pb-free)
Y
• Memory clock, speed, CAS latency2
– 5.0ns (200 MHz), 400 MT/s, CL = 3
-40B
– 6.0ns (166 MHz), 333 MT/s, CL = 2.5
-335
– 7.5ns (133 MHz), 266 MT/s, CL = 2
-262
– 7.5ns (133 MHz), 266 MT/s, CL = 2
-26A
– 7.5ns (133 MHz), 266 MT/s, CL = 2.5
-265
PCB height: 30.48mm (1.2in)
PCB height: 30.48mm (1.2in)


Podobny numer części - AMT36VDDF25672Y-26A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT303 CUI-AMT303 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT303-0096-2000 CUI-AMT303-0096-2000 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
More results

Podobny opis - AMT36VDDF25672Y-26A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micron Technology
MT36VDDT51272G MICRON-MT36VDDT51272G Datasheet
730Kb / 18P
   DDR SDRAM RDIMM
MTA36ASF4G72PZ MICRON-MTA36ASF4G72PZ Datasheet
630Kb / 28P
   DDR4 SDRAM RDIMM
logo
List of Unclassifed Man...
SGP02G72D1BG2SA-BB[EW]RT ETC2-SGP02G72D1BG2SA-BB[EW]RT Datasheet
703Kb / 17P
   2048MB DDR3 . SDRAM RDIMM
logo
Micron Technology
MT36KSF1G72PZ MICRON-MT36KSF1G72PZ Datasheet
413Kb / 20P
   1.35V DDR3L SDRAM RDIMM
MT36KSF2G72PZ MICRON-MT36KSF2G72PZ Datasheet
421Kb / 21P
   1.35V DDR3L SDRAM RDIMM
MT36HTJ51272-P MICRON-MT36HTJ51272-P Datasheet
301Kb / 14P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
List of Unclassifed Man...
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com