Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA5060 Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SLA5060
Szczegółowy opis  N-channel P-channel 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5060 Arkusz danych(HTML) 2 Page - Sanken electric

  SLA5060 Datasheet HTML 1Page - Sanken electric SLA5060 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
85
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
Re(yfs)-ID Characteristics (Typical)
Safe Operating Area (SOA)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
PT-Ta Characteristics
Characteristic curves
0.1
1
10
0.05
1
ID (A)
10
0.1
25
°C
125
°C
Ta=–40
°C
(VDS=10V)
–0.1
–1
–10
ID (A)
–0.05
0.1
1
10
(VDS=---10V)
25
°C
125
°C
Ta=–40
°C
0
1.0
1.5
VSD (V)
0.5
0
6
8
10
4
2
4V
(Ta=25
°C)
0
---1.5
VSD (V)
---1.0
---0.5
---10
---8
0
---6
---2
---4
–4
V
(Ta=25
°C)
0.1
1
10
100
VDS (V)
0.1
1
10
20
TC=25
°C
SINGLE PULSE
–0.1
–1
–10
–100
VDS (V)
–0.1
–10
–20
–1
TC=25
°C
SINGLE PULSE
100
µs
25
30
35
40
20
15
10
5
0
Without Heatsink
0
50
100
150
Ta (
°C)
With Silicon Grease
Natural Cooling
All Circuits Operating
(Ta=25
°C)
N channel
P channel
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
V(BR)DSS
60
V
ID=100
µA, VGS=0V
–60
V
ID=–100
µA, VGS=0V
IGSS
±10
µAVGS=±20V
±10
µAVGS=±20V
IDSS
100
µAVDS=60V, VGS=0V
–100
µAVDS=–60V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
–1.0
–2.0
V
VDS=–10V, ID=–250
µA
Re(yfs)
5.5
S
VDS=10V, ID=3A
6
S
VDS=–10V, ID=–3A
RDS(ON)
0.22
VGS=4V, ID=3A
0.22
VGS=–10V, ID=–3A
Ciss
320
pF
VDS=10V, f=1.0MHz,
790
pF
VDS=–10V, f=1.0MHz,
Coss
160
pF
VGS=0V
310
pF
VGS=0V
Crss
35
pF
90
pF
td(on)
16
ns
ID=3A, VDD=20V,
40
ns
ID=–3A, VDD=20V,
tr
65
ns
RL=6.67
Ω, VGS=5V,
110
ns
RL=6.67
Ω, VGS=–5V,
td(off)
70
ns
see Fig. 3 on page 16.
160
ns
see Fig. 4 on page 16.
tf
45
ns
80
ns
VSD
1.2
V
ISD=6A, VGS=0V
–1.1
V
ISD=–6A, VGS=0V
ISD=3A, VGS=0V,
ISD=–3A, VGS=0V,
trr
65
ns
di/dt=100A/
µs
85
ns
di/dt=100A/
µs
Electrical characteristics
SLA5060
0
1020
3040
50
VDS (V)
10
100
2000
1000
VGS=0V
f=1MHz
Ciss
Coss
Crss
(Ta=25
°C)
0
–10
–20
–30
–40
–50
VDS (V)
100
1000
2000
10
Ciss
Coss
Crss
VGS=0V
f=1MHz
(Ta=25
°C)
N-ch
P-ch


Podobny numer części - SLA5060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA5060 SANKEN-SLA5060 Datasheet
44Kb / 2P
   N-channel P-channel 3-phase motor drive
More results

Podobny opis - SLA5060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA5009 SANKEN-SLA5009 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059_06 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
SLA5017 SANKEN-SLA5017 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127 Datasheet
30Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
Sanken electric
SMA5104 SANKEN-SMA5104 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com