Zakładka z wyszukiwarką danych komponentów |
|
SA15A Arkusz danych(PDF) 6 Page - Socay Electornics Co., Ltd. |
|
SA15A Arkusz danych(HTML) 6 Page - Socay Electornics Co., Ltd. |
6 / 6 page Axial Lead Transient Voltage Suppressors (TVS) Revision August 25, 2013 6 / 6 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SA Series 5.0 To 190 V 500W SOCAY Electronics Co., Ltd. www.socay.com Inches Millimeters Dimensions Min Max Min Max A 1.000 - 25.40 - B 0.230 0.300 5.85 7.63 C 0.028 0.033 0.71 0.84 D 0.102 0.142 2.60 3.61 Part Number Component Package Quantity Packaging Option SAXXXXX DO-204AC (DO-15) 2000 Box SA × ×× C A 5% VBR VOLTAGE TOLERANCE BI-DIRECTIONAL VR VOLTAGE SERIES Dimensions Part Marking Packaging Packaging Dimensions Unit: Inches (Millimeters) Part Numbering DO-204AC (DO-15) Cathode Band 2.56 (65.00) 0.20 ±0.020 (5.08 ±0.508) 0.25 (6.35) Socay Logo Product Type Cathode Band SAXXX |
Podobny numer części - SA15A |
|
Podobny opis - SA15A |