Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7091R-2BRUZ Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części AD7091R-2BRUZ
Szczegółowy opis  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

AD7091R-2BRUZ Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AD7091R-2BRUZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AD7091R-2/AD7091R-4/AD7091R-8
Data Sheet
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 5. 2-Channel Pin Configuration
Table 5. 2-Channel Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS
Chip Select Input. When CS is held low, the serial bus enables and CS frames the output data on the SPI.
2
RESET
Reset. Logic input.
3
VDD
Power Supply Input. The VDD range is from 2.7 V to 5.25 V. Decouple this supply pin to GND.
4
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this output pin separately to
GND using a 2.2 µF capacitor.
5
REFIN/REFOUT
Voltage Reference Output, 2.5 V. Decouple this pin to GND. The typical recommended decoupling capacitor
value is 2.2 µF. The user can either access the internal 2.5 V reference or overdrive the internal reference with
the voltage applied to this pin. The reference voltage range for an externally applied reference is 1.0 V to VDD.
6, 11
GND
Chip Ground. These pins are the ground reference point for all circuitry on the AD7091R-2.
7
MUXOUT
Multiplexer Output. The output of the multiplexer appears at this pin. If no external filtering or buffering is
required, tie this pin directly to the ADCIN pin; otherwise, tie the output of the conditioning network to the
ADCIN pin.
8
VIN0
Analog Input 0. Single-ended analog input. The analog input range is 0 V to VREF.
9
VIN1
Analog Input 1. Single-ended analog input. The analog input range is 0 V to VREF.
10
ADCIN
ADC Input. This pin allows access to the on-chip track-and-hold. If no external filtering or buffering is required,
tie this pin directly to the MUXOUT pin; otherwise tie the input of the conditioning network to the MUXOUT pin.
12
SDI
Serial Data Input Bus. This input provides the data written to the on-chip control registers. Data clocks into the
registers on the falling edge of the SCLK input. Provide data most significant bits (MSB) first.
13
SDO
Serial Data Output Bus. The conversion output data is supplied to this pin as a serial data stream. The bits are
clocked out on the falling edge of the SCLK input, and 13 SCLK cycles are required to access the data. The data is
provided MSB first.
14
SCLK
Serial Clock. This pin acts as the serial clock input.
15
CONVST
Convert Start Input Signal. Edge triggered logic input. The falling edge of CONVST places the track-and-hold
mode into hold mode and initiates a conversion.
16
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates.
Connect decoupling capacitors between VDRIVE and GND. The typical recommended values are 10 µF and
0.1 µF. The voltage range on this pin is 1.8 V to 5.25 V and may be different from the voltage range at VDD but
must never exceed it by more than 0.3 V.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD7091R-2
TOP VIEW
(Not to Scale)
RESET
VDD
REGCAP
MUXOUT
GND
CS
VIN0
CONVST
SCLK
SDO
ADCIN
GND
SDI
VIN1
VDRIVE
REFIN/REFOUT
Rev. 0 | Page 8 of 40


Podobny numer części - AD7091R-2BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091R-2BRUZ AD-AD7091R-2BRUZ Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7091R-2BRUZ-RL7 AD-AD7091R-2BRUZ-RL7 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results

Podobny opis - AD7091R-2BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com