Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7656A-1BSTZ Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części AD7656A-1BSTZ
Szczegółowy opis  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656A-1BSTZ Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD7656A-1BSTZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7656A-1BSTZ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7656A-1
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
0
–160
–180
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
40
60
80
100
120
20
0
VDD/VSS = ±15V
AVCC/DVCC/VDRIVE = 5V
±10V RANGE
INTERNAL REFERENCE
TA = 25°C
fSAMPLE = 250kSPS
fIN = 10kHz
SNR = 88.44dB
SINAD = 88.43dB
THD = –111.66dB
Figure 4. FFT for ±10 V Range (VDD/VSS = ±15 V)
0
–160
–180
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
40
60
80
100
120
20
0
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = 5V
±5V RANGE
INTERNAL REFERENCE
TA = 25°C
fSAMPLE = 250kSPS
fIN = 10kHz
SNR = 88.25dB
SINAD = 88.24dB
THD = –112.46dB
Figure 5. FFT for ±5 V Range (VDD/VSS = ±12 V)
2.0
–2.0
0
10k
20k
30k
40k
50k
60k 65535
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = 5V
fSAMPLE = 250kSPS
2 × VREF RANGE
TA = –40°C
INL WCP = 0.97LSB
INL WCN = –0.72LSB
Figure 6. Typical INL
2.0
–2.0
0
10k
20k
30k
40k
50k
60k 65535
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = 5V
fSAMPLE = 250kSPS
2 × VREF RANGE
TA = –40°C
DNL WCP = 0.61LSB
DNL WCN = –0.82LSB
Figure 7. Typical DNL
90
83
10
100
ANALOG INPUT FREQUENCY (kHz)
89
88
87
86
85
84
fSAMPLE = 250kSPS
TA = 25°C
INTERNAL REFERENCE
±10V RANGE
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = 5V
±5V RANGE
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = 5V
Figure 8. SINAD vs. Analog Input Frequency
–80
–115
10
100
ANALOG INPUT FREQUENCY (kHz)
–85
–90
–95
–100
–105
–110
fSAMPLE = 250kSPS
TA = 25°C
INTERNAL REFERENCE
±10V RANGE
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = 5V
±5V RANGE
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = 5V
Figure 9. THD vs. Analog Input Frequency
Rev. 0 | Page 10 of 28


Podobny numer części - AD7656A-1BSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7656A-1BSTZ AD-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1BSTZ AD-AD7656A-1BSTZ Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1BSTZ-RL AD-AD7656A-1BSTZ-RL Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1BSTZ-RL AD-AD7656A-1BSTZ-RL Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results

Podobny opis - AD7656A-1BSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com