Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA2903DTF Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KA2903DTF
Szczegółowy opis  Dual Differential Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2903DTF Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KA2903DTF Datasheet HTML 1Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 2Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 3Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 4Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 5Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 6Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA393 / KA2903 • Rev. 1.0.3
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply Voltage
±18
36
V
VI(DIFF)
Differential Input Voltage
36
V
VI
Input Voltage
-0.3
+36.0
V
Output Short Circuit to GND
Continuous
PD
Power Dissipation,
TA = 25°C
8-DIP
1040
mW
8-SOIC
480
TOPR
Operating Temperature
KA393 / KA393A
0
+70
°C
KA2903
-40
+85
TSTG
Storage Temperature
-65
+150
°C
JA
Thermal Resistance,
Junction-to-Ambient
8-DIP
120
°C/W
8-SOIC
260
ESD
Electrostatic Discharge
Capability
Human Body Model, JESD22-A114
1000
V
Charged Device Model, JESD22-C101
2000


Podobny numer części - KA2903DTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA2903DTF FAIRCHILD-KA2903DTF Datasheet
625Kb / 7P
   Dual Differential Comparator
logo
ON Semiconductor
KA2903DTF ONSEMI-KA2903DTF Datasheet
631Kb / 9P
   Dual Differential Comparator
June 2011 Rev. 1.0.3
logo
Fairchild Semiconductor
KA2903DTF FAIRCHILD-KA2903DTF_11 Datasheet
625Kb / 7P
   Dual Differential Comparator
More results

Podobny opis - KA2903DTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com