Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-7050 Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-7050
Szczegółowy opis  Laser Mouse Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7050 Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-7050 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
2D Assembly Drawing of ADNS-7050, PCBs and Base Plate
Figure 4. Exploded view drawing.
Shown with ADNS-6130-001 Laser Mouse Lens, ADNS-
6230-001 VCSEL Assembly Clip and ADNV-6340 VCSEL.
The components interlock as they are mounted onto de-
fined features on the base plate.
The ADNS-7050 laser mouse sensor is designed for
mounting on a through hole PCB, looking down. There is
an aperture stop and features on the package that align
to the lens.
The ADNV-6340 VCSEL is recommended for illumination,
provides a laser diode with a single longitudinal and a
single transverse mode. It is particularly suited as lower
power consumption and highly coherent replacement
of LEDs. It also provides wider operation range while still
remaining within single-mode, reliable operating condi-
tions.
The ADNS-6120 or ADNS-6130-001 Laser Mouse Lens is
designed for use with ADNS-7050 sensor and the illu-
mination subsystem provided by the assembly clip and
the VCSEL. Together with the VCSEL, the lens provides
the directed illumination and optical imaging necessary
for proper operation of the Laser Mouse Sensor. ADNS-
6120 and ADNS-6130-001 are precision molded optical
components and should be handled with care to avoid
scratching of the optical surfaces. ADNS-6120 also has a
large round flange to provide a long creepage path for
any ESD events that occur at the opening of the base
plate.
The ADNS-6230-001 VCSEL Assembly Clip is designed to
provide mechanical coupling of the ADNV-6340 VCSEL
to the ADNS-6120 or ADNS-6130-001 lens. This coupling
is essential to achieve the proper illumination alignment
required for the sensor to operate on a wide variety of
surfaces.
Avago Technologies provides an IGES file drawing de-
scribing the base plate molding features for lens and PCB
alignment.
ADNS-6230-001 (CLIP)
ADNV-6340 (VCSEL)
CUSTOMER SUPPLIED VCSEL PCB
ADNS-7050 (SENSOR)
ADNS-6130-001 (LENS)*
S-6120 FOR ROUND LENS
USTOMER SUPPLIED PCB
R SUPPLIED BASE PLATE
OMMENDED FEATURES
DRAWING


Podobny numer części - ADNS-7050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7050 AVAGO-ADNS-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
98Kb / 6P
   Complete laser mouse reference design kit
logo
Broadcom Corporation.
ADNS-7050 BOARDCOM-ADNS-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
ADNS-7050 BOARDCOM-ADNS-7050 Datasheet
98Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results

Podobny opis - ADNS-7050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6090 AVAGO-ADNK-6090 Datasheet
104Kb / 1P
   Gaming Laser Mouse Sensor
ADNK-7010 AVAGO-ADNK-7010 Datasheet
103Kb / 1P
   Gaming Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-7010 BOARDCOM-ADNK-7010 Datasheet
103Kb / 1P
   Gaming Laser Mouse Sensor
ADNK-6090 BOARDCOM-ADNK-6090 Datasheet
104Kb / 1P
   Gaming Laser Mouse Sensor
logo
Pixart Imaging Inc.
PAW3602DH-NF PIXART-PAW3602DH-NF Datasheet
732Kb / 33P
   CMOS LASER MOUSE SENSOR
PAW3602DH PIXART-PAW3602DH Datasheet
721Kb / 32P
   CMOS LASER MOUSE SENSOR
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
   Low Power Laser Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com