Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4151 Arkusz danych(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Numer części 1N4151
Szczegółowy opis  SMALL SIGNAL SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENYI [Shanghai Lunsure Electronic Tech]
Strona internetowa  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4151 Arkusz danych(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N4151 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4151 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4151 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CE
1N4151
CHENYI ELECTRONICS
SMALL SIGNAL SWITCHING DIODE
FEATURES
. Silicon epitaxial planar diode
. Fast swithching diodes
. 500mW power dissipation
. The diode is also available in the Mini-MELF case with the type
designation LL4151
MECHANICAL DATA
. Case: DO-35 glass case
. Polarity: Color brand denotes cathode end
. Weight: Approx. 0.13gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbol
Value
Units
Reverse voltage
VR
50
Volts
Peak reverse voltage
VRM
75
Volts
Average rectified current, Half wave rectification with
IAV
1501)
mA
Resistive load at TA=25
and F 50Hz
Surge forward current at t<1S and TJ=25
IFSM
500
Ma
Power dissipation at TA=25
Ptot
5001)
Mw
Junction temperature
TJ
175
Storage temperature range
TSTG
-65 to + 175
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature(DO-35)
ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbols
Min.
Typ.
Max.
Units
Forward voltage
VF
1
Volts
Leakage current
at VR=50V
IR
50
nA
at VR=20V, TJ=150
IR
50
A
Junction capacitance at VR=VF=0V
CJ
75
2
pF
Reverse breakdown voltage tested with 5 A pulse
V(BR)R
Reverse recovery time from IF=10mA to IR=10mA to IR=1mA,
trr
4
ns
from IF=10mA to IR=1mA to IR=1mA, VR=6V.RL=100
trr
4.000
ns
Thermal resistance junction to ambient
R
JA
3501)
K/W
Rectification efficience at f=100MHz,VRF=2V
0.45
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 3


Podobny numer części - 1N4151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
Diotec Semiconductor
1N4151 DIOTEC-1N4151 Datasheet
171Kb / 2P
   Silicon Planar Diodes
logo
Micro Commercial Compon...
1N4151 MCC-1N4151 Datasheet
391Kb / 4P
   500mW Silicon Switching Diode
logo
Jinan Jing Heng Electro...
1N4151 JINGHENG-1N4151 Datasheet
65Kb / 3P
   Small Signal Switching Diodes
More results

Podobny opis - 1N4151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com