Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ7-SW50 Arkusz danych(PDF) 4 Page - Lumileds Lighting Company

Numer części LMZ7-SW50
Szczegółowy opis  Best combination of brightness, uniformity and luminance enabling precision light control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUMILEDS [Lumileds Lighting Company]
Strona internetowa  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW50 Arkusz danych(HTML) 4 Page - Lumileds Lighting Company

  LMZ7-SW50 Datasheet HTML 1Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 2Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 3Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 4Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 5Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 6Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 7Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 8Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LUXEON MZ Datasheet DS136 20140218 ©2014 Philips Lumileds Lighting Company.
3
Product Selection
Product Selection Guide for LUXEON MZ 12V White
Junction Temperature = 85°C
Table 1.
Performance Characteristics at 700 mA
Nominal
CCT
Part Number
Minimum CRI
Minimum Luminous
Flux (lm)
Typical Luminous
Flux (lm)
4000K
LMZ7-SW40
70
870
918
5000K
LMZ7-SW50
70
870
928
5700K
LMZ7-SW57
70
900
937
2700K
LMZ8-SW27
80
710
735
3000K
LMZ8-SW30
80
730
781
Notes for Table 1:
1. Philips Lumileds maintains a tolerance of ± 6.5% on flux measurements and ±2 on CRI.
Optical and Electrical Characteristics
Optical Characteristics for LUXEON MZ White at Test Current [1]
Junction Temperature = 85°C
Table 2.
Nominal
CCT
Part Number
Color Temperature CCT
Typical (K)
Typical Total Included
Angle [2] (degrees) u
0.90V
Typical Viewing Angle [3]
(degrees) 2u ½
2700K
LMZ8-SW27
2725
140
120
3000K
LMZ8-SW30
3045
140
120
4000K
LMZ7-SW40
3985
140
120
5000K
LMZ7-SW50
5028
140
120
5700K
LMZ7-SW57
5665
140
120
Notes for Table 2:
1. Test current is 700 mA for LMZx-SWxx.
2. Total included angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.


Podobny numer części - LMZ7-SW50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
LMZ7-SW50 LUMILEDS-LMZ7-SW50 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW50 LUMILEDS-LMZ7-SW50 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

Podobny opis - LMZ7-SW50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com