Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4203 Arkusz danych(PDF) 2 Page - Digitron Semiconductors

Numer części 2N4203
Szczegółowy opis  SILICON CONTROLLED RECTIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIGITRON [Digitron Semiconductors]
Strona internetowa  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4203 Arkusz danych(HTML) 2 Page - Digitron Semiconductors

  2N4203 Datasheet HTML 1Page - Digitron Semiconductors 2N4203 Datasheet HTML 2Page - Digitron Semiconductors 2N4203 Datasheet HTML 3Page - Digitron Semiconductors 2N4203 Datasheet HTML 4Page - Digitron Semiconductors 2N4203 Datasheet HTML 5Page - Digitron Semiconductors 2N4203 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N4199 – 2N4204
SILICON CONTROLLED RECTIFIERS
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
Turn-on Time ITM = 30 A
Delay Time
Rise Time
All Types
2N4199 & 2N4200
2N4201
2N4202
2N4203 & 2N4204
td
tr
-
-
-
-
-
200
200
150
130
100
ns
Pulse Turn-off Time
Test Conditions: PFN discharge; Forward Current = 30 A pulse;
Reverse Current = 5 A, TC = 85°C, dv/dt = 250V/µs to Rated VDRM;
Reverse Anode Voltage during turn-off interval = 0 V;
Reverse gate bias during turn-off interval = 6 V
tq
-
20
µs
Forward Voltage Application Rate (Linear Rise of Voltage)
(TC = 105°, gate open, VD = Rated VDRM
dv/dt
250
-
V/µs
MECHANICAL CHARACTERISTICS
Case
TO-64
Marking
Alpha-numeric
Pin out
See below
TO-64
Inches
Millimeters
Min
Max
Min
Max
A
0.300
0.400
7.620
10.160
B
0.080
0.136
2.030
3.450
ФD
-
0.424
-
10.770
ФD1
0.400
-
10.160
-
E
0.424
0.437
10.770
11.100
e
0.013
-
0.330
-
e1
0.060
-
1.520
-
F
0.060
0.175
1.520
4.450
J
0.700
0.855
17.780
21.720
ФM
0.163
0.189
4.140
4.800
N
0.400
0.453
10.160
11.510
N1
-
0.078
-
1.980
ФT
0.040
0.075
1.020
1.910
ФW
0.1658
0.1697
4.212
4.310
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Podobny numer części - 2N4203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
2N4203 MOTOROLA-2N4203 Datasheet
318Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4203 NJSEMI-2N4203 Datasheet
209Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

Podobny opis - 2N4203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com