Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8619 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8619
Szczegółowy opis  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8619 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8619 Datasheet HTML 3Page - Analog Devices AD8619 Datasheet HTML 4Page - Analog Devices AD8619 Datasheet HTML 5Page - Analog Devices AD8619 Datasheet HTML 6Page - Analog Devices AD8619 Datasheet HTML 7Page - Analog Devices AD8619 Datasheet HTML 8Page - Analog Devices AD8619 Datasheet HTML 9Page - Analog Devices AD8619 Datasheet HTML 10Page - Analog Devices AD8619 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 7 of 20
PIN CONFIGURATIONS
ADA4691-2
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
BALL A1
CORNER
A1
OUT B
V+
OUT A
–IN B
SD A/B
–IN A
+IN B
V–
+IN A
B1
C1
A2
B2
C2
A3
B3
C3
Figure 3. 9-Ball Wafer Level Chip Scale WLCSP (CB-9-3)
6
7
2
1
3
+IN A
–IN A
V–
8
+IN B
–IN B
OUT B
TOP VIEW
(Not to Scale)
ADA4691-2
Figure 4. 10-Lead, 2 mm × 2 mm LFCSP (CP-10-11)
12
11
10
1
3
4
+IN D
V–
+IN C
9
–IN C
+IN A
+IN B
2
V+
–IN B
ADA4691-4
TOP VIEW
(Not to Scale)
NOTES
1. IT IS RECOMMENDED THAT THE EXPOSED
PAD BE CONNCECTED TO V–.
Figure 5. 16-Lead, 3 mm × 3 mm LFCSP (CP-16-22)
TOP VIEW
(Not to Scale)
ADA4692-2
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8V+
7OUT B
Figure 6. 8-Lead, 2 mm × 2 mm LFCSP (CP-8-6)
OUT A 1
–IN
2
+IN
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4692-2
TOP VIEW
(Not to Scale)
Figure 7. 8-Lead SOIC_N (R-8)
1
2
3
4
5
6
7
ADA4692-4
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
Figure 8. 14-Lead TSSOP (RU-14)


Podobny numer części - AD8619

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8619 AD-AD8619 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8619 AD-AD8619 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
AD8619 AD-AD8619 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
AD8619 AD-AD8619 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8619ARUZ AD-AD8619ARUZ Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
More results

Podobny opis - AD8619

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com