Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2902KVQPWRQ1 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części LM2902KVQPWRQ1
Szczegółowy opis  QUADRUPLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902KVQPWRQ1 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  LM2902KVQPWRQ1 Datasheet HTML 1Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 2Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 3Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 4Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 5Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 6Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 7Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 8Page - National Semiconductor (TI) LM2902KVQPWRQ1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM2902-Q1
QUADRUPLE OPERATIONAL AMPLIFIER
SGLS178E − AUGUST 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection <500 V Per MIL-STD-883,
Method 3015; Exceeds 200 V Using
Machine Model (C = 200 pF, R = 0); 1500 V
Using Charged Device Model
D ESD Human Body Model >2 kV
Machine Model
>200 V and
Charge Device Model = 2 kV For
K-Suffix Devices.
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
D Low Input Bias and Offset Parameters:
− Input Offset Voltage ...3 mV Typ
− Input Offset Current ...2 nA Typ
− Input Bias Current...20 nA Typ
D Common-Mode Input Voltage Range
Includes Ground, Allowing Direct Sensing
Near Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage:
− Non-V devices ...26 V
− V-Suffix devices ...32 V
D Open-Loop Differential Voltage
Amplification . . . 100 V/mV Typ
D Internal Frequency Compensation
description/ordering information
This device consists of four independent high-gain
frequency-compensated operational amplifiers that
are designed specifically to operate from a single
supply over a wide range of voltages. Operation from
split supplies is possible when the difference between the two supplies is 3 V to 26 V (3 V to 32 V for V-suffixed
devices), and VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current
drain is independent of the magnitude of the supply voltage.
Applications
include
transducer
amplifiers,
dc
amplification
blocks,
and
all
the
conventional
operational-amplifier circuits that now can be more easily implemented in single-supply-voltage systems. For
example, the LM2902 can be operated directly from the standard 5-V supply that is used in digital systems and
easily provides the required interface electronics without requiring additional
±15-V supplies.
ORDERING INFORMATION{
TA
VIO max
AT 25
°C
MAX VCC
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
7mV
26 V
SOIC (D)
Reel of 2500
LM2902QDRQ1
2902Q1
7 mV
26 V
TSSOP (PW)
Reel of 2000
LM2902QPWRQ1
2902Q1
40
°C to 125°C
7mV
32 V
SOIC (D)
Reel of 2500
LM2902KVQDRQ1
2902KVQ
−40
°C to 125°C
7 mV
32 V
TSSOP (PW)
Reel of 2000
LM2902KVQPWRQ1
2902KVQ
2mV
32 V
SOIC (D)
Reel of 2500
LM2902KAVQDRQ1
2902KAQ
2 mV
32 V
TSSOP (PW)
Reel of 2000
LM2902KAVQPWRQ1
2902KAQ
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see
the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Copyright
 2008 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
D OR PW PACKAGE
(TOP VIEW)


Podobny numer części - LM2902KVQPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2902KVQPWRQ1 TI-LM2902KVQPWRQ1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902KVQPWRQ1 TI-LM2902KVQPWRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902KVQPWRQ1 TI-LM2902KVQPWRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902KVQPWRQ1 TI1-LM2902KVQPWRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED OCTOBER 2023
LM2902KVQPWRQ1 TI1-LM2902KVQPWRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
OCTOBER 2023
More results

Podobny opis - LM2902KVQPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com