Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS289GN14 Arkusz danych(PDF) 5 Page - Cherry Semiconductor Corporation

Numer części CS289GN14
Szczegółowy opis  20mA Air-Core Tachometer Drive Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHERRY [Cherry Semiconductor Corporation]
Strona internetowa  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS289GN14 Arkusz danych(HTML) 5 Page - Cherry Semiconductor Corporation

  CS289GN14 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS289GN14 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS289GN14 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS289GN14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS289GN14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS289GN14 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
IIN
0.7V
2.1V
IOUT/EQ
CP
RT
RT
CT
1k
W
10k
W
TRIM
CP
VF/V
OUT = 2.1 + Frequency x CT x RT (VREG -0 .7)
The above equations were used in calculating the follow-
ing values, where VF/V
OUT = 7.1V at =270¡ and CT = 0.01 F.
4 cylinder: Freq = 200Hz, RT = 320k½
6 cylinder: Freq = 300Hz, RT = 220k½
8 cylinder: Freq = 400Hz, RT = 150k½
Tachometer Application
RPM
60
x # OF CYL.
2
= Frequency
Typical values shown above apply to a nominal value of
VREG of 8.5 volts. It must be realized that trimming of RT
will be necessary to compensate for variations in regula-
tor voltage from one unit to another.
An alternative to this adjustment is to replace R2 with a
potentiometer, as shown in Figure 2.
Partial schematic shown in Figure 3 represents one met-
hod for use with DC applications instead of frequency.
Figure 2: Alternate Trimming Method
Figure 3: DC Application


Podobny numer części - CS289GN14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS289 ONSEMI-CS289 Datasheet
64Kb / 8P
   20mA Air-Core Tachometer Drive Circuit
December, 2001 - Rev. 4
More results

Podobny opis - CS289GN14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS289 ONSEMI-CS289 Datasheet
64Kb / 8P
   20mA Air-Core Tachometer Drive Circuit
December, 2001 - Rev. 4
logo
NTE Electronics
NTE1670 NTE-NTE1670 Datasheet
22Kb / 2P
   Integrated Circuit Air Core Meter Driver
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
4726-22 API-4726-22 Datasheet
321Kb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com