Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4959 Arkusz danych(PDF) 2 Page - Digitron Semiconductors

Numer części 1N4959
Szczegółowy opis  5 WATT GLASS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIGITRON [Digitron Semiconductors]
Strona internetowa  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4959 Arkusz danych(HTML) 2 Page - Digitron Semiconductors

  1N4959 Datasheet HTML 1Page - Digitron Semiconductors 1N4959 Datasheet HTML 2Page - Digitron Semiconductors 1N4959 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4954-1N4996
5 WATT GLASS ZENER DIODES
ELECTRICAL CHARACTERISTICS
Type
Electrical Specifications @ 25°C
Maximum Ratings
Maximum Zener
Impedance
Maximum
Reverse
Leakage
Current
Voltage
Maximum
Temperature
Coeff.
TC @ IZT
Maximum
Continuous
Current
IZM
Surge
Current
IZSM
Nominal
Zener
Voltage
VZ @ IZT
Test
Current
IZT
ZZT @ IZT
ZYK @ IZK
1mA
Voltage
Regulation
VZ
(note 1)
IB
VR
Volts
mA
OHMS
OHMS
Volts
µA
Volts
%/°C
mA
Amps
1N4983
110.0
12
125
1000
9.0
2
83.6
.100
43.0
1.2
1N4984
120.0
10
170
1150
10
2
91.2
.100
39.5
1.00
1N4985
130.0
10
190
1250
11
2
98.8
.105
36.6
0.80
1N4986
150.0
8
330
1500
13
2
114.0
.105
31.6
0.75
1N4987
160.0
8
350
1650
14
2
121.6
.105
29.4
0.70
1N4988
180.0
5
450
1750
16
2
136.8
.110
26.4
0.60
1N4989
200.0
5
500
1850
18
2
152
.110
23.6
0.50
1N4990
220.0
5
550
2000
19
2
167
.115
21.6
0.50
1N4991
240.0
5
650
2050
22
2
182
.115
19.8
0.40
1N4992
270.0
5
800
2100
25
2
206
.120
17.5
0.35
1N4993
300.0
4
950
2150
28
2
228
.120
15.6
0.30
1N4994
330.0
4
1175
2200
32
2
251
.120
14.4
0.25
1N4995
360.0
3
1400
2300
35
2
274
.120
13.0
0.22
1N4996
390.0
3
1800
2500
40
2
297
.120
12.0
0.20
Standard voltage tolerances are ±5% with no suffix, suffix C ±2% and D suffix is ±1%.
Note 1: Maximum voltage change ΔVZ between 10% of IZM and 50% of IZM.
MECHANICAL CHARACTERISTICS
Case: 1N4954-1N4996
Glass
Marking:
Body painted, alpha-numeric
Polarity:
Cathode band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
0.090
0.145
2.2900
3.680
BL
0.130
0.300
3.300
7.620
LD
0.037
0.043
0.940
1.090
LL
1.000
1.300
25.400
33.020
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX
level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120710


Podobny numer części - 1N4959

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N4959 SEMTECH-1N4959 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N4959 NJSEMI-1N4959 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4959 NJSEMI-1N4959 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4959 NJSEMI-1N4959 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4959 NJSEMI-1N4959 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results

Podobny opis - 1N4959

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com