Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4965 Arkusz danych(PDF) 1 Page - Digitron Semiconductors

Numer części 1N4965
Szczegółowy opis  5 WATT GLASS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIGITRON [Digitron Semiconductors]
Strona internetowa  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4965 Arkusz danych(HTML) 1 Page - Digitron Semiconductors

  1N4965 Datasheet HTML 1Page - Digitron Semiconductors 1N4965 Datasheet HTML 2Page - Digitron Semiconductors 1N4965 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4954-1N4996
5 WATT GLASS ZENER DIODES
MAXIMUM RATINGS
Operating Temperature:
-65 to +175°C
Storage Temperature:
-65 to +175°C
Power Dissipation:
5 Watts @ TL = 65°C at 3/8” from body, derate linearly to zero @ 175°C.
Thermal Resistance:
22°C/W junction to lead at 3/8” from body
Thermal Impedance @ 10ms:
1.8°C/W
Forward Voltage:
1.50 V @ 1.0A
ELECTRICAL CHARACTERISTICS
Type
Electrical Specifications @ 25°C
Maximum Ratings
Maximum Zener
Impedance
Maximum
Reverse
Leakage
Current
Voltage
Surge
Current
IZSM
Nominal
Zener
Voltage
VZ @ IZT
Test
Current
IZT
ZZ @ IZT
ZZK @ IZK
1mA
Voltage
Regulation
VZ
(note 1)
IR
VR
Maximum
Temperature
Coeff.
αVz @ IZT
Maximum
Continuous
Current
IZM
8.3ms
square
wave
Volts
mA
OHMS
OHMS
Volts
µA
Volts
%/°C
mA
Amps
1N4954
6.8
175
1.0
1000
0.7
150
5.2
.05
700
29.3
1N4955
7.5
175
1.5
800
0.7
100
5.7
.06
630
26.4
1N4956
8.2
150
1.5
600
0.7
50
6.2
.06
580
24.0
1N4957
9.1
150
2.0
400
0.7
25
6.9
.06
520
22.0
1N4958
10.0
125
2.0
125
0.8
25
7.6
.07
475
20.0
1N4959
11.0
125
2.5
130
0.8
10
8.4
.07
430
19.0
1N4960
12.0
100
2.5
140
0.8
10
9.1
.07
395
18.0
1N4961
13.0
100
3.0
145
0.9
10
9.9
.08
365
16.0
1N4962
15.0
75
3.5
150
1.0
5
11.4
.08
315
12.0
1N4963
16.0
75
3.5
155
1.1
5
12.2
.08
294
10.0
1N4964
18.0
65
4.0
160
1.2
5
13.7
.085
264
9.0
1N4965
20.0
65
4.5
165
1.5
2
15.2
.085
237
8.0
1N4966
22.0
50
5.0
170
1.8
2
16.7
.085
216
7.0
1N4967
24.0
50
5.0
175
2.0
2
18.2
.090
198
6.5
1N4968
27.0
50
6.0
180
2.0
2
20.6
.090
176
6.0
1N4969
30.0
40
8
190
2.5
2
22.8
.090
158
5.5
1N4970
33.0
40
10
200
2.8
2
25.1
.095
144
5.0
1N4971
36.0
30
11
220
3.0
2
27.4
.095
132
4.5
1N4972
39.0
30
14
230
3.0
2
29.7
.095
122
4.0
1N4973
43.0
30
20
240
3.3
2
32.7
.095
110
3.5
1N4974
47.0
25
25
250
3.5
2
35.8
.095
100
3.2
1N4975
51.0
25
27
270
4.0
2
38.8
.095
92
3.0
1N4976
56.0
20
35
320
4.4
2
42.6
.095
84
2.8
1N4977
62.0
20
42
400
5.0
2
47.1
.100
76
2.5
1N4978
68.0
20
50
500
5.5
2
51.7
.100
70
2.2
1N4979
75.0
20
55
620
6.0
2
56.0
.100
63.0
2.0
1N4980
82.0
15
80
720
6.6
2
62.2
.100
58.0
1.8
1N4981
91.0
15
90
760
7.5
2
69.2
.100
52.5
1.6
1N4982
100.0
12
110
800
8.0
2
76.0
.100
47.5
1.4
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120710


Podobny numer części - 1N4965

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Semtech Corporation
1N4965 SEMTECH-1N4965 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results

Podobny opis - 1N4965

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com