Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1376386-4 Arkusz danych(PDF) 9 Page - Tyco Electronics

Numer części 3-1376386-4
Szczegółowy opis  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Arkusz danych(HTML) 9 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 5Page - Tyco Electronics 3-1376386-4 Datasheet HTML 6Page - Tyco Electronics 3-1376386-4 Datasheet HTML 7Page - Tyco Electronics 3-1376386-4 Datasheet HTML 8Page - Tyco Electronics 3-1376386-4 Datasheet HTML 9Page - Tyco Electronics 3-1376386-4 Datasheet HTML 10Page - Tyco Electronics 3-1376386-4 Datasheet HTML 11Page - Tyco Electronics 3-1376386-4 Datasheet HTML 12Page - Tyco Electronics 3-1376386-4 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
143
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.093 [2.36] Commercial Pin and Socket Connectors
AMP
Soft Shell
Pin and Socket Connectors
Product Facts
I
Polarized
I
Cavity identification
I
Low contact-mating force
I
Dual locking lances
I
Detent and positive locking
I
Contacts available in brass
and phosphor bronze with
tin and gold plating
I
Panel mounting and free-
hanging styles
I
“F” crimp contacts
I
Applicator and hand tool
available
I
Economical commercial-
grade connectors
I
Compatible with high-speed
application machinery and
competitive soft shells
I
Wire range 24 to 14 AWG
[0.2 to 2 mm2]
I
Accepts wires with
insulation diameters as
large as .180 [4.57]
I
Housings available in 1 to
15 positions
I
.093 plug and receptacle
housings accept pin or
socket contacts. The
preferred convention is to
use socket contacts with
receptacle housings
I
Not for interrupting current
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards Association,
File No. LR 7189
R
R
Performance Characteristics
The .093 Commercial Pin and Socket
Connectors performance characteristics
found on pages 143-144 are based on
free-hanging and panel mount connec-
tors, loaded with contacts crimped on
stranded wire.
Thermal Shock— -55°C to +105°C
Temperature-Humidity Cycling—
+25°C to +65°C at 90–95% RH
Corrosion—48 hr. at 5% salt
concentration
Vibration—10-55-10 cycles per
minute at .06 [1.52] total excursion
Physical Shock—18 shocks,
50 Gs sawtooth in 11 milliseconds
Durability—50 mating cycles
Dielectric Withstanding Voltage—
1.0 kVAC
Insulation Resistance—
1000 megohms min. initial
Voltage Rating—250 V AC or DC
Connector Mating—
2.5 lb. [11.1 N] max. per contact
Connector Unmating—
1.5 lb. [6.7 N] min. per contact
Contact Retention—
10 lb. [44.5 N] min.
Technical Documents
Application Specification
114-49000 .093 Commercial Pin and
Socket Connectors
Product Specification
108-1038
.093 Commercial Pin and
Socket Connectors


Podobny numer części - 3-1376386-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Podobny opis - 3-1376386-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com